Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

START499D Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza START499D
Descripción Electrónicos  NPN RF silicon transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START499D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button START499D Datasheet HTML 9Page - STMicroelectronics START499D Datasheet HTML 10Page - STMicroelectronics START499D Datasheet HTML 11Page - STMicroelectronics START499D Datasheet HTML 12Page - STMicroelectronics START499D Datasheet HTML 13Page - STMicroelectronics START499D Datasheet HTML 14Page - STMicroelectronics START499D Datasheet HTML 15Page - STMicroelectronics START499D Datasheet HTML 16Page - STMicroelectronics START499D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
START499D
Package mechanical data
Doc ID 14496 Rev 4
13/18
Figure 19.
Package dimensions
Table 8.
SOT-89 mechanical data
Dim.
mm.
Inch
Min
Typ
Max
Min
Typ
Max
A
1.4
1.6
55.1
63.0
B
0.44
0.56
17.3
22.0
B1
0.36
0.48
14.2
18.9
C
0.35
0.44
13.8
17.3
C1
0.35
0.44
13.8
17.3
D
4.4
4.6
173.2
181.1
D1
1.62
1.83
63.8
72.0
E
2.40
2.6
94.5
102.4
e
1.42
1.57
55.9
61.8
e1
2.92
3.07
115.0
120.9
H
3.94
4.25
155.1
167.3
L
0.89
1.2
35.0
47.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18