Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IP137ASMD Datasheet(PDF) 1 Page - Seme LAB

No. de pieza IP137ASMD
Descripción Electrónicos  NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP137ASMD Datasheet(HTML) 1 Page - Seme LAB

  IP137ASMD Datasheet HTML 1Page - Seme LAB IP137ASMD Datasheet HTML 2Page - Seme LAB IP137ASMD Datasheet HTML 3Page - Seme LAB IP137ASMD Datasheet HTML 4Page - Seme LAB IP137ASMD Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NEGATIVE ADJUSTABLE
VOLTAGE REGULATOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8211
Issue 2
Page 1 of 5
IP137SMD
/ LM137SMD
IP137ASMD
/ LM137ASMD
IP137HVSMD / LM137HVSMD
IP137AHVSMD / LM137AHVSMD
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise stated)
Standard
40V
VI - VO
Input – Output Voltage Differential
HV Series
50V
IO
Output Current
Internally Limited
PD
Power Dissipation
Internally Limited
TJ
Operating Junction Temperature Range
-55 to +150°C
Tstg
Storage Temperature Range
-65 to +150°C
THERMAL PROPERTIES
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJC
Thermal Resistance, Junction To Case
3.5
°C/W
** This datasheet supersedes document 2831
DESCRIPTION
The 137 Series regulators are adjustable 3 terminal voltage regulators capable of supplying in excess of -1.5A over an output
voltage range of -1.2V to -37V (HV Series, -47V). The regulators are exceptionally easy to apply requiring only 2 external
resistors to set the output voltage and 1 output capacitor for frequency compensation.
Every effort has been made to make these devices easy to use and difficult to damage. Internal current limiting and power
limiting coupled with true thermal limiting prevents damage due to overloads or shorts, even if the regulators are not fastened
to a heat sink.
FEATURES
•
1.5A Output Current Guaranteed
•
Internal Thermal Overload Protection
•
Output Short Circuit Protected
•
Hermetic Ceramic Surface Mount Package
•
Screening Options Available
APPLICATIONS
•
Adjustable Power Supplies
•
System Power Supplies
•
Precision Voltage / Current Regulators


Número de pieza similar - IP137ASMD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
IP137ASMD05 SEME-LAB-IP137ASMD05 Datasheet
421Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137ASMD05 SEME-LAB-IP137ASMD05 Datasheet
415Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Descripción similar - IP137ASMD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
UA79HG ETC1-UA79HG Datasheet
253Kb / 4P
5A NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR137 SSDI-SVR137 Datasheet
189Kb / 3P
Negative Adjustable Linear Voltage Regulator
logo
Seme LAB
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137K SEME-LAB-IP137K Datasheet
305Kb / 7P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137R SEME-LAB-IP137R Datasheet
170Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
7703404YA ETC2-7703404YA Datasheet
15Kb / 3P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
logo
Solid States Devices, I...
SVR004 SSDI-SVR004_15 Datasheet
101Kb / 3P
NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com