| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
T810-600H Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
T810-600H Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 12 page ![]() Characteristics BTA08, BTB08 and T8 Series 2/12 Doc ID 7472 Rev 7 1 Characteristics Table 1. Absolute maximum ratings Symbol Parameter Value Unit IT(RMS) On-state rms current (full sine wave) IPAK/D2PAK/DPAK/ TO-220AB Tc = 110 °C 8A TO-220AB Ins. Tc = 100 °C ITSM Non repetitive surge peak on-state current (full cycle, Tj initial = 25 °C) F = 50 Hz t = 20 ms 80 A F = 60 Hz t = 16.7 ms 84 I²tI²t value for fusing tp = 10 ms 36 A²s dI/dt Critical rate of rise of on-state current IG = 2 x IGT , tr ≤ 100 ns F = 120 Hz Tj = 125 °C 50 A/µs IGM Peak gate current tp = 20 µs Tj = 125 °C 4 A PG(AV) Average gate power dissipation Tj = 125 °C 1 W Tstg Tj Storage junction temperature range Operating junction temperature range - 40 to + 150 - 40 to + 125 °C Table 2. Electrical characteristics (Tj = 25 °C, unless otherwise specified) Snubberless and logic level (3 quadrants) Symbol Test conditions Quadrant T8 BTA08 / BTB08 Unit T810 T835 TW SW CW BW IGT (1) VD = 12 V RL = 30 Ω I - II - III MAX. 10 35 5 10 35 50 mA VGT I - II - III MAX. 1.3 V VGD VD = VDRM RL = 3.3 kΩ Tj = 125 °C I - II - III MIN. 0.2 V IH (2) IT = 100 mA MAX. 15 35 10 15 35 50 mA IL IG = 1.2 IGT I - III MAX. 25 50 10 25 50 70 mA II 30 60 15 30 60 80 dV/dt (2) VD = 67 %VDRM gate open Tj = 125 °C MIN. 40 400 20 40 400 1000 V/µs (dI/dt)c (2) (dV/dt)c = 0.1 V/µs Tj = 125 °C MIN. 5.4 - 3.5 5.4 - - A/ms (dV/dt)c = 10 V/µs Tj = 125 °C 2.8 - 1.5 2.98 - - Without snubber Tj = 125 °C - 4.5 - - 4.5 7 |