Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP5587ACBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADP5587ACBZ-R7
Descripción Electrónicos  Mobile I/O Expander and QWERTY Keypad Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP5587ACBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5587ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP5587ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADP5587
Rev. B | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
VCC
−0.3 V to + 4.0 V
R0 to R7, C0 to C9
−0.3 V to VCC + 0.3 V
SCL
−0.3 V to VCC + 0.3 V
SDA
−0.3 V to VCC + 0.3 V
RST
−0.3 V to VCC + 0.3 V
INT
−0.3 V to VCC + 0.3 V
GND
−0.3 V to +0.3 V
Operating Ambient Temperature Range
−40°C to +85°C
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
ESD Machine Model
±200 V
ESD Human Body Model
±2000 V
ESD Charged Device Model
±1000 V
Soldering Condition
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
24-Lead LFCSP_WQ
57.8
9.4
°C/W
Maximum Power
600
N/A
mW
25-Ball WLCSP
46
N/A
°C/W
Maximum Power
600
N/A
mW
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24