| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLE4284DV Datasheet(PDF) 22 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4284DV Datasheet(HTML) 22 Page - Infineon Technologies AG |
|
22 / 25 page ![]() Data Sheet 22 Rev. 2.1, 2007-03-20 TLE 4284 Package Outlines Figure 5 Dimensions PG-TO252-3-11 Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). 5.4 ±0.1 -0.05 6.5 +0.15 A 0.15 MAX. ±0.1 per side 0.75 2.28 4.57 +0.08 -0.04 0.5 2.3 -0.10 +0.05 B +0.08 -0.04 0.5 0...0.15 B A 0.25 M 0.1 All metal surfaces tin plated, except area of cut. 3x (5) -0.01 +0.20 0.9 B Find all packages, sorts of packing and others at the Infineon Internet Page: http://www.infineon.com/packages. Dimensions in mm SMD = Surface Mounted Device |