| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CSR33B554JC Datasheet(PDF) 38 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR33B554JC Datasheet(HTML) 38 Page - Kemet Corporation |
|
38 / 38 page ![]() TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T216 (CSS13) & T256 (CSS33) SERIES KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 41 RATINGS AND PART NUMBER REFERENCE T256/(CSS33) (Cont’d) (1) To complete, insert S for sleeved or U for unsleeved, if “U” ordered also use C-0100. KEMET EQUIVALENT PART NUMBER FOR BC CSS33 CAPACITORS (0.1) (0.01) 4.7 A T256A475K015CS 0.5 2.0 2.0 4 4 0.90 2520(1) 3520(1) 5.6 A T256A565K015CS 0.5 2.0 2.0 4 4 0.80 2521(1) 3521(1) 33.0 B T256B336K015CS 1.0 2.0 2.0 6 6 0.24 2522(1) 3522(1) 39.0 B T256B396K015CS 1.0 2.0 2.0 6 6 0.22 2523(1) 3523(1) 150.0 C T256C157K015BS 1.0 7.0 7.0 8 8 0.10 2524(1) 3524(1) 180.0 C T256C187K015BS 2.0 10.0 10.0 8 8 0.09 2525(1) 3525(1) 220.0 D T256D227K015BS 2.0 10.0 10.0 8 8 0.07 2526(1) 3526(1) 270.0 D T256D277K015BS 2.0 16.0 16.0 8 8 0.065 2527(1) 3527(1) 330.0 D T256D337K015BS 2.0 16.0 16.0 8 8 0.060 2528(1) 3528(1) 2.7 A T256A275K020CS 0.5 2.0 2.0 4 4 1.15 2529(1) 3529(1) 3.3 A T256A335K020CS 0.5 2.0 2.0 4 4 0.95 2530(1) 3530(1) 3.9 A T256A395K020CS 0.5 2.0 2.0 4 4 0.90 2531(1) 3531(1) 18.0 B T256B186K020CS 1.0 2.0 2.0 6 6 0.27 2532(1) 3532(1) 22.0 B T256B226K020BS 1.0 2.0 2.0 6 6 0.26 2533(1) 3533(1) 27.0 B T256B276K020BS 1.0 2.0 2.0 6 6 0.24 2534(1) 3534(1) 56.0 C T256C566K020CS 1.0 1.0 10.0 6 6 0.15 2535(1) 3535(1) 68.0 C T256C686K020CS 1.0 10.0 10.0 6 6 0.14 2536(1) 3536(1) 82.0 C T256C826K020BS 1.0 10.0 10.0 6 6 0.12 2537(1) 3537(1) 100.0 C T256C107K020BS 1.0 10.0 10.0 6 6 0.10 2538(1) 3538(1) 120.0 C T256C127K020BS 1.0 10.0 10.0 6 6 0.09 2539(1) 3539(1) 150.0 D T256D157K020BS 2.0 10.0 10.0 8 8 0.08 2540(1) 3540(1) 180.0 D T256D187K020BS 2.0 10.0 10.0 8 8 0.07 2541(1) 3541(1) 1.8 A T256A185K035BS 0.5 2.0 2.0 4 4 0.20 2542(1) 3542(1) 8.2 B T256B825K035BS 1.0 2.0 2.0 6 6 0.40 2543(1) 3543(1) 10.0 B T256B106K035BS 1.0 2.0 2.0 6 6 0.35 2544(1) 3544(1) 33.0 C T256C336K035BS 1.0 5.0 5.0 6 6 0.19 2545(1) 3545(1) 39.0 C T256C396K035BS 1.0 5.0 5.0 6 6 0.17 2546(1) 3546(1) 47.0 C T256C476K035BS 1.0 5.0 5.0 6 6 0.15 2547(1) 3547(1) 56.0 D T256D566K035BS 2.0 10.0 10.0 6 6 0.13 2548(1) 3548(1) 68.0 D T256D686K035BS 2.0 10.0 10.0 6 6 0.12 2549(1) 3549(1) 1.2 A T256A125K050BS 0.5 2.0 2.0 4 4 1.30 2550(1) 3550(1) 1.5 A T256A155KL050BS 0.5 2.0 2.0 4 4 1.20 2551(1) 3551(1) 5.6 B T256B565K050BS 1.0 2.0 2.0 4 4 0.47 2552(1) 3552(1) 6.8 B T256B685K050BS 1.0 2.0 2.0 6 6 0.43 2553(1) 3553(1) 22.0 C T256C226K050BS 1.0 5.0 5.0 6 6 0.22 2554(1) 3554(1) 27.0 C T256C276K050BS 1.0 5.0 5.0 6 6 0.20 2555(1) 3555(1) 33.0 D T256D336K050BS 1.0 9.0 9.0 6 6 0.18 2556(1) 3556(1) 39.0 D T256D396K050BS 1.0 9.0 9.0 6 6 0.16 2557(1) 3557(1) MIL-PRF-39003/10 GRADED MAX. DISSIPATION FACTOR % @ -55°C +25°C MAX. MAX. ESR Ω @ 25°C, 100 kHz KEMET T256 SERIES µA @ +85° MAX. µA @ +125° MAX. CASE SIZE DC LEAKAGE 35 VOLT RATING AT 85° C 50 VOLT RATING AT 85° C DASH NUMBER REFERENCE 20 VOLT RATING AT 85° C 15 VOLT RATING AT 85° C CAP µF FAILURE RATE LEVEL (%/1000 HRS) % @ -85°C +125°C MAX. µA @ +25° MAX. MIL-PRF-39003 (CSS33) CAPACITORS |