| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MM912F634CV2AP Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MM912F634CV2AP Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc |
|
45 / 335 page ![]() Functional Description and Application Information Introduction MM912F634 Freescale Semiconductor 45 Table 65 shows the detailed module maps of the MM912F634 analog die. 0x010E FRSV4 R 000 00000 W 0x010F FRSV5 R 000 00000 W 0x0110- 0x0113 Reserved R 000 00000 W Table 62. 0x0114–0x011F Reserved Register Space Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x0114- 0x011F Reserved R 000 00000 W Table 63. 0x0120–0x0123 Port Integration Module (PIM) 2 of 2 Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x0120 PTIA R0 0 PTIA5 PTIA4 PTIA3 PTIA2 PTIA1 PTIA0 W 0x0121 Reserved R 000 00000 W 0x0122 RDRA R0 0 RDRA5 RDRA4 RDRA3 RDRA2 RDRA1 RDRA0 W 0x0123 Reserved R 000 00000 W Table 64. 0x0124–0x01FF Reserved Register Space Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x0124- 0x01FF Reserved R 000 00000 W Table 65. Analog die Registers(55) - 0x0200–0x02FF D2D Blocking Access (D2DI) 2 of 3/ 0x0300–0x03FF D2D Non Blocking Access (D2DI) 3 of 3 Offset Name 7 6 5 4 3 2 1 0 0x00 ISR (hi) R 0 0 HOT LSOT HSOT LINOT SCI RX Interrupt Source Register W 0x01 ISR (lo) R TX ERR TOV CH3 CH2 CH1 CH0 VSI Interrupt Source Register W 0x02 IVR R 0 0 IRQ Interrupt Vector Register W 0x04 VCR R 0 0 0 VROVIE HTIE HVIE LVIE LBIE Voltage Control Register W Table 61. 0x0100–0x0113 Flash Control & Status Register FTSR (continued) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |