| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST10F272Z2Q3 Datasheet(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F272Z2Q3 Datasheet(HTML) 33 Page - STMicroelectronics |
|
33 / 189 page ![]() ST10F272Z2 Internal Flash memory 33/189 5.4.4 Flash control register 1 high The Flash Control Register 1 High (FCR1H), together with Flash Control Register 1 Low (FCR1L), is used to select the Sectors to Erase, or during any write operation to monitor the status of each Sector and Bank. During any erase operation, this bit is automatically set and gives the status of the Bank 0. The meaning of B0Fy bit for Sector y of Bank 0 is given by the next Table 4 Banks (BxS) and Sectors (BxFy) Status bits meaning. These bits are automatically reset at the end of an erase operation if no errors are detected. 5.4.5 Flash data register 0 low The Flash Address Registers (FARH/L) and the Flash Data Registers (FDR1H/L-FDR0H/L) are used during the program operations to store Flash Address in which to program and Data to program. FCR1H (0x08 0006) FCR Reset value: 0000h 15 14 13 12 11 10 987 65432 10 reserved B0S reserved RS Table 11. Flash control register 1 high Bit Function B0S Bank 0 Status (IFLASH) During any erase operation, this bit is automatically modified and gives the status of the Bank 0. The meaning of B0S bit is given in the next Table 4 Banks (BxS) and Sectors (BxFy) Status bits meaning. This bit is automatically reset at the end of a erase operation if no errors are detected. Table 12. Banks (BxS) and sectors (BxFy) status bits meaning ERR SUSP B0S = 1 meaning B0Fy = 1 meaning 1 - Erase Error in Bank 0 Erase Error in Sector y of Bank 0 0 1 Erase Suspended in Bank 0 Erase Suspended in Sector y of Bank 0 0 0 Don’t care Don’t care FDR0L (0x08 0008) FCR Reset value: FFFFh 15 14 13 12 11 10 987 65432 10 DIN15 DIN14 DIN13 DIN12 DIN11 DIN10 DIN9 DIN8 DIN7 DIN6 DIN5 DIN4 DIN3 DIN2 DIN1 DIN0 RW RW RW RW RW RW RW RW RW RW RW RW RW RW RW RW Table 13. Flash data register 0 low Bit Function DIN(15:0) Data Input 15:0 These bits must be written with the Data to program the Flash with the following operations: Word Program (32-bit), Double Word Program (64-bit) and Set Protection. |