| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2STL1360 Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STL1360 Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() Electrical ratings 2STL1360, 2STX1360 2/10 Doc ID 11763 Rev 3 1 Electrical ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit 2STX1360 2STL1360 VCBO Collector-base voltage (IE = 0) 80 V VCEO Collector-emitter voltage (IB = 0) 60 V VEBO Emitter-base voltage (IC = 0) 6 V IC Collector current 3 A ICM Collector peak current (tP < 5 ms) 5 A IB Base current 0.2 A IBM Base peak current (tP < 5 ms) 0.4 A PTOT Total dissipation at Tamb = 25 °C 1 1.2 W TSTG Storage temperature -65 to 150 °C TJ Max. operating junction temperature 150 °C Table 3. Thermal data Symbol Parameter Value Unit TO-92 TO-92L RthJA Thermal resistance junction-ambient __max 125 104 °C/W |