| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M95160-DW3G/S Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95160-DW3G/S Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 50 page ![]() DC and AC parameters M95160-x, M95080-x 28/50 Doc ID 8028 Rev 10 Table 16. DC characteristics (M95160 and M95080, device grade 6) Symbol Parameter Test conditions Min. Max. Unit ILI Input leakage current VIN = VSS or VCC ± 2 µA ILO Output leakage current S = VCC, VOUT = VSS or VCC ± 2 µA ICC Supply current C = 0.1VCC/0.9VCC at 10 MHz, VCC = 5 V, Q = open 5mA ICC1 Supply current (Standby) S = VCC, VCC = 5 V, VIN = VSS or VCC 2µA VIL Input low voltage –0.45 0.3 VCC V VIH Input high voltage 0.7 VCC VCC+1 V VOL (1) 1. For all 5 V range devices, the device meets the output requirements for both TTL and CMOS standards. Output low voltage IOL = 2 mA, VCC = 5 V 0.4 V VOH (1) Output high voltage IOH = –2 mA, VCC = 5 V 0.8 VCC V VRES (2) 2. Characterized only, not 100% tested. Internal reset threshold voltage 2.5 3.5 V Table 17. DC characteristics (M95160-W and M95080-W, device grade 3) Symbol Parameter Test conditions Min. Max. Unit ILI Input leakage current VIN = VSS or VCC ± 2 µA ILO Output leakage current S = VCC, VOUT = VSS or VCC ± 2 µA ICC Supply current C=0.1VCC/0.9VCC at 5 MHz, VCC = 2.5 V, Q = open 2mA ICC1 Supply current (Standby) S = VCC, VCC = 2.5 V, VIN = VSS or VCC 2µA VIL Input low voltage –0.45 0.3 VCC V VIH Input high voltage 0.7 VCC VCC+1 V VOL Output low voltage IOL = 1.5 mA, VCC = 2.5 V 0.4 V VOH Output high voltage IOH = –0.4 mA, VCC = 2.5 V 0.8 VCC V VRES (1) 1. Characterized only, not 100% tested. Internal reset threshold voltage 1.0 1.65 V |