Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T2600 Datasheet(PDF) 9 Page - Intel Corporation

No. de pieza T2600
Descripción Electrónicos  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

T2600 Datasheet(HTML) 9 Page - Intel Corporation

Back Button T2600 Datasheet HTML 5Page - Intel Corporation T2600 Datasheet HTML 6Page - Intel Corporation T2600 Datasheet HTML 7Page - Intel Corporation T2600 Datasheet HTML 8Page - Intel Corporation T2600 Datasheet HTML 9Page - Intel Corporation T2600 Datasheet HTML 10Page - Intel Corporation T2600 Datasheet HTML 11Page - Intel Corporation T2600 Datasheet HTML 12Page - Intel Corporation T2600 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
Datasheet
9
Introduction
1.1
Terminology
1.2
References
Material and concepts available in the following documents may be beneficial when
reading this document. Chipset references in this document are to the Mobile Intel®
945 Express Chipset family unless specified otherwise.
§
Term
Definition
#
A “#” symbol after a signal name refers to an active low signal, indicating a
signal is in the active state when driven to a low level. For example, when
RESET# is low, a reset has been requested. Conversely, when NMI is high,
a nonmaskable interrupt has occurred. In the case of signals where the
name does not imply an active state but describes part of a binary
sequence (such as address or data), the “#” symbol implies that the signal
is inverted. For example, D[3:0] = “HLHL” refers to a hex ‘A’, and D[3:0]#
= “LHLH” also refers to a hex “A” (H= High logic level, L= Low logic level).
XXXX means that the specification or value is yet to be determined.
Front Side Bus
(FSB)
Refers to the interface between the processor and system core logic (also
known as the chipset components).
AGTL+
Advanced Gunning Transceiver Logic. Used to refer to Assisted GTL+
signaling technology on some Intel processors.
Document
Document
Number
Intel® Core™ Duo Processor and Intel® Core™ Solo Processor on 65 nm
Process Specification Update
309222
Mobile Intel® 945 Express Chipset Family Datasheet
309219
Mobile Intel® 945 Express Chipset Family Specification Update
309220
Intel® I/O Controller Hub 7 (ICH7) Family Datasheet
307013
Intel® I/O Controller Hub 7 (ICH7) Family Specification Update
307014
Intel® Architecture Software Developer's Manual
Volume 1 Basic Architecture
253665
Volume 2A: Instruction Set Reference, A-M
253666
Volume 2B: Instruction Set Reference, N-Z
253667
Volume 3A: System Programming Guide
253668
Volume 3B: System Programming Guide
253669
AP-485, Intel® Processor Identification and CPUID Instruction Application
Note
241618



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com