Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

430 Datasheet(PDF) 74 Page - Intel Corporation

No. de pieza 430
Descripción Electrónicos  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

430 Datasheet(HTML) 74 Page - Intel Corporation

Back Button 430 Datasheet HTML 70Page - Intel Corporation 430 Datasheet HTML 71Page - Intel Corporation 430 Datasheet HTML 72Page - Intel Corporation 430 Datasheet HTML 73Page - Intel Corporation 430 Datasheet HTML 74Page - Intel Corporation 430 Datasheet HTML 75Page - Intel Corporation 430 Datasheet HTML 76Page - Intel Corporation 430 Datasheet HTML 77Page - Intel Corporation 430 Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
Land Listing and Signal Descriptions
74
Datasheet
§
VRDSEL
Input
This input should be left as a no connect in order for the processor
to boot. The processor will not boot on legacy platforms where this
land is connected to VSS.
VSS
Input
VSS are the ground pins for the processor and should be connected
to the system ground plane.
VSSA
Input
VSSA is the isolated ground for internal PLLs.
VSS_SENSE
Output
VSS_SENSE is an isolated low impedance connection to processor
core VSS. It can be used to sense or measure ground near the silicon
with little noise.
VSS_MB_
REGULATION
Output
This land is provided as a voltage regulator feedback sense point for
VSS. It is connected internally in the processor package to the sense
point land V27 as described in the Voltage Regulator-Down (VRD)
11 Design Guide For Desktop and Transportable LGA775 Socket.
VTT
Miscellaneous voltage supply.
VTT_OUT_LEFT
VTT_OUT_RIGHT
Output
The VTT_OUT_LEFT and VTT_OUT_RIGHT signals are included to
provide a voltage supply for some signals that require termination to
VTT on the motherboard.
VTT_SEL
Output
The VTT_SEL signal is used to select the correct VTT voltage level for
the processor.
Table 25.
Signal Description ( (Sheet 9 of 9))
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100