Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

E6000 Datasheet(PDF) 49 Page - Intel Corporation

No. de pieza E6000
Descripción Electrónicos  Intel Core2 Extreme Processor
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 49 Page - Intel Corporation

Back Button E6000 Datasheet HTML 45Page - Intel Corporation E6000 Datasheet HTML 46Page - Intel Corporation E6000 Datasheet HTML 47Page - Intel Corporation E6000 Datasheet HTML 48Page - Intel Corporation E6000 Datasheet HTML 49Page - Intel Corporation E6000 Datasheet HTML 50Page - Intel Corporation E6000 Datasheet HTML 51Page - Intel Corporation E6000 Datasheet HTML 52Page - Intel Corporation E6000 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
Land Listing and Signal Descriptions
Datasheet
49
D22#
D10
Source Synch Input/Output
D23#
F11
Source Synch Input/Output
D24#
F12
Source Synch Input/Output
D25#
D13
Source Synch Input/Output
D26#
E13
Source Synch Input/Output
D27#
G13
Source Synch Input/Output
D28#
F14
Source Synch Input/Output
D29#
G14
Source Synch Input/Output
D30#
F15
Source Synch Input/Output
D31#
G15
Source Synch Input/Output
D32#
G16
Source Synch Input/Output
D33#
E15
Source Synch Input/Output
D34#
E16
Source Synch Input/Output
D35#
G18
Source Synch Input/Output
D36#
G17
Source Synch Input/Output
D37#
F17
Source Synch Input/Output
D38#
F18
Source Synch Input/Output
D39#
E18
Source Synch Input/Output
D40#
E19
Source Synch Input/Output
D41#
F20
Source Synch Input/Output
D42#
E21
Source Synch Input/Output
D43#
F21
Source Synch Input/Output
D44#
G21
Source Synch Input/Output
D45#
E22
Source Synch Input/Output
D46#
D22
Source Synch Input/Output
D47#
G22
Source Synch Input/Output
D48#
D20
Source Synch Input/Output
D49#
D17
Source Synch Input/Output
D50#
A14
Source Synch Input/Output
D51#
C15
Source Synch Input/Output
D52#
C14
Source Synch Input/Output
D53#
B15
Source Synch Input/Output
D54#
C18
Source Synch Input/Output
D55#
B16
Source Synch Input/Output
D56#
A17
Source Synch Input/Output
D57#
B18
Source Synch Input/Output
D58#
C21
Source Synch Input/Output
D59#
B21
Source Synch Input/Output
D60#
B19
Source Synch Input/Output
Table 23.
Alphabetical Land
Assignments
Land Name
Land
#
Signal Buffer
Type
Direction
D61#
A19
Source Synch Input/Output
D62#
A22
Source Synch Input/Output
D63#
B22
Source Synch Input/Output
DBI0#
A8
Source Synch Input/Output
DBI1#
G11
Source Synch Input/Output
DBI2#
D19
Source Synch Input/Output
DBI3#
C20
Source Synch Input/Output
DBR#
AC2
Power/Other
Output
DBSY#
B2
Common Clock Input/Output
DEFER#
G7
Common Clock
Input
DRDY#
C1
Common Clock Input/Output
DSTBN0#
C8
Source Synch Input/Output
DSTBN1#
G12
Source Synch Input/Output
DSTBN2#
G20
Source Synch Input/Output
DSTBN3#
A16
Source Synch Input/Output
DSTBP0#
B9
Source Synch Input/Output
DSTBP1#
E12
Source Synch Input/Output
DSTBP2#
G19
Source Synch Input/Output
DSTBP3#
C17
Source Synch Input/Output
FC0
Y1
Power/Other
FC3
J2
Power/Other
FC4
T2
Power/Other
FC5
F2
Power/Other
FC8
AK6
Power/Other
FC10
E24
Power/Other
FC15
H29
Power/Other
FC17
Y3
Power/Other
FC18
AE3
Power/Other
FC20
E5
Power/Other
FC21
F6
Power/Other
FC22
J3
Power/Other
FC23
A24
Power/Other
FC26
E29
Power/Other
FC27
G1
Power/Other
FC28
U1
Power/Other
FC29
U2
Power/Other
FC30
U3
Power/Other
FC31
J16
Power/Other
FC32
H15
Power/Other
Table 23.
Alphabetical Land
Assignments
Land Name
Land
#
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More