Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M95320-RMB6P/PC Datasheet(PDF) 20 Page - STMicroelectronics

No. de pieza M95320-RMB6P/PC
Descripción Electrónicos  32 Kbit serial SPI bus EEPROMs with high-speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-RMB6P/PC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M95320-RMB6P/PC Datasheet HTML 16Page - STMicroelectronics M95320-RMB6P/PC Datasheet HTML 17Page - STMicroelectronics M95320-RMB6P/PC Datasheet HTML 18Page - STMicroelectronics M95320-RMB6P/PC Datasheet HTML 19Page - STMicroelectronics M95320-RMB6P/PC Datasheet HTML 20Page - STMicroelectronics M95320-RMB6P/PC Datasheet HTML 21Page - STMicroelectronics M95320-RMB6P/PC Datasheet HTML 22Page - STMicroelectronics M95320-RMB6P/PC Datasheet HTML 23Page - STMicroelectronics M95320-RMB6P/PC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Instructions
M95320, M95320-W, M95320-R
20/44
Doc ID 5711 Rev 12
The protection features of the device are summarized in Table 5.
When the Status Register Write Disable (SRWD) bit of the Status Register is 0 (its initial
delivery state), it is possible to write to the Status Register provided that the Write Enable
Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction, regardless
of whether Write Protect (W) is driven high or low.
When the Status Register Write Disable (SRWD) bit of the Status Register is set to 1, two
cases need to be considered, depending on the state of Write Protect (W):
●
If Write Protect (W) is driven high, it is possible to write to the Status Register provided
that the Write enable latch (WEL) bit has previously been set by a Write Enable
(WREN) instruction.
●
If Write Protect (W) is driven low, it is not possible to write to the Status Register even if
the Write Enable latch (WEL) bit has previously been set by a Write Enable (WREN)
instruction. (Attempts to write to the Status Register are rejected, and are not accepted
for execution). As a consequence, all the data bytes in the memory area that are
software-protected (SPM) by the Block protect (BP1, BP0) bits in the Status Register,
are also hardware-protected against data modification.
Regardless of the order of the two events, the Hardware-protected mode (HPM) can be
entered:
●
by setting the Status register write disable (SRWD) bit after driving Write Protect (W)
low
●
or by driving Write Protect (W) low after setting the Status register write disable
(SRWD) bit.
The only way to exit the Hardware-protected mode (HPM) once entered is to pull Write
Protect (W) high.
If Write Protect (W) is permanently tied high, the Hardware-protected mode (HPM) can
never be activated, and only the Software-protected mode (SPM), using the Block protect
(BP1, BP0) bits in the Status Register, can be used.
Table 5.
Protection modes
W
signal
SRWD
bit
Mode
Write protection of the Status Register
Memory content
Protected area(1) Unprotected area(1)
10
Software
protected
(SPM)
Status Register is Writable (if the WREN
instruction has set the WEL bit)
The values in the BP1 and BP0 bits can be
changed
Write Protected
Ready to accept
Write instructions
00
11
01
Hardware
protected
(HPM)
Status Register is Hardware write protected
The values in the BP1 and BP0 bits cannot
be changed
Write Protected
Ready to accept
Write instructions
1.
As defined by the values in the Block Protect (BP1, BP0) bits of the Status Register, as shown in Table 2.
Table 6.
Address range bits(1)
1.
b15 to b12 are Don’t Care.
Device
32 Kbit devices
Address bits
A11-A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44