Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

41210 Datasheet(PDF) 49 Page - Intel Corporation

No. de pieza 41210
Descripción Electrónicos  Intel 41210 Serial to Parallel PCI Bridge
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

41210 Datasheet(HTML) 49 Page - Intel Corporation

Back Button 41210 Datasheet HTML 44Page - Intel Corporation 41210 Datasheet HTML 45Page - Intel Corporation 41210 Datasheet HTML 46Page - Intel Corporation 41210 Datasheet HTML 47Page - Intel Corporation 41210 Datasheet HTML 48Page - Intel Corporation 41210 Datasheet HTML 49Page - Intel Corporation 41210 Datasheet HTML 50Page - Intel Corporation 41210 Datasheet HTML 51Page - Intel Corporation 41210 Datasheet HTML 52Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Datasheet — 41210 Bridge
49
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name
AD8
B_AD[10]
K6
B_AD[58]
H7
B_PAR64
AB9
B_AD[11]
K7
B_AD[59]
D7
B_PCIXCAP
AD9
B_AD[12]
J6
B_AD[60]
U2
B_PERR#
AB10
B_AD[13]
J7
B_AD[61]
R5
B_PME#
AC10
B_AD[14]
H5
B_AD[62]
L4
B_REQ0#
AD11
B_AD[15]
H8
B_AD[63]
AB6
B_REQ1#
W1
B_AD[16]
AC8
B_CBE0#
T6
B_REQ2#
Y2
B_AD[17]
AB12
B_CBE1#
T1
B_REQ3#
AA2
B_AD[18]
Y1
B_CBE2#
V5
B_REQ4#
AA3
B_AD[19]
AA5
B_CBE3#
AA12
B_REQ5#
AB3
B_AD[20]
G9
B_CBE4#
AC1
B_REQ64#
Y4
B_AD[21]
H9
B_CBE5#
N8
B_RST#
Y5
B_AD[22]
G6
B_CBE6#
V2
B_SERR#
W6
B_AD[23]
G7
B_CBE7#
V3
B_STOP#
AA6
B_AD[24]
U10
B_CLKIN
A19
B_STRAP0
W7
B_AD[25]
W10
B_CLKO[0]
B3
B_STRAP1
Y7
B_AD[26]
V9
B_CLKO[1]
B19
B_STRAP2
Y8
B_AD[27]
V8
B_CLKO[2]
U11
B_STRAP3
AA8
B_AD[28]
T7
B_CLKO[3]
E6
B_STRAP4
W9
B_AD[29]
V6
B_CLKO[4]
A2
B_STRAP5
Y10
B_AD[30]
U7
B_CLKO[5]
B5
B_STRAP6
AA9
B_AD[31]
U8
B_CLKO[6]
C3
B_TEST1
R2
B_AD[32]
T3
B_DEVSEL#
D1
B_TEST2
R3
B_AD[33]
U4
B_FRAME#
W4
B_TRDY#
P1
B_AD[34]
J5
B_GNT0#
B8
CFGRETRY
P4
B_AD[35]
K1
B_GNT1#
E18
CFGRST#
P5
B_AD[36]
Y11
B_GNT2#
F18
NC1
N3
B_AD[37]
AA11
B_GNT3#
A5
NC2
N4
B_AD[38]
W12
B_GNT4#
A22
NC3
M2
B_AD[39]
L8
B_GNT5#
C4
NC4
M3
B_AD[40]
U5
B_IRDY#
D6
NC5
L1
B_AD[41]
F2
B_INTA#
E19
NC6
L2
B_AD[42]
G1
B_INTB#
F6
NC7
K3
B_AD[43]
F3
B_INTC#
F8
NC8
K4
B_AD[44]
C1
B_INTD#
F7
NC9
J2
B_AD[45]
B2
B_NC1
T4
NC10
J3
B_AD[46]
E4
B_NC2
G18
NC11
H4
B_AD[47]
D2
B_NC3
G19
NC12
H1
B_AD[48]
E1
B_NC4
K21
NC13
H2
B_AD[49]
G3
B_NC5
M8
NC14
P7
B_AD[50]
D3
B_NC6
M20
NC15
P8
B_AD[51]
B1
B_NC7
R6
NC16
N6
B_AD[52]
G4
B_NC8
T24
NC17
N7
B_AD[53]
E3
B_NC9
C6
NC18
M5
B_AD[54]
F4
B_NC10
B6
NC19
M6
B_AD[55]
W3
B_LOCK#
E16
PE_RCOMP[0]
L5
B_AD[56]
U1
B_M66EN
B17
PE_RCOMP[1]
L7
B_AD[57]
AC11
B_PAR
E14
PERN[0]
Table 32. Signal List, sorted by Signal Name (Sheet 2 of 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52