| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L78SxxC Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78SxxC Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 39 page ![]() L78Sxx, L78SxxC Electrical characteristics Doc ID 2148 Rev 4 9/39 5 Electrical characteristics Refer to the test circuits, TJ = 25 °C, VI = 10 V, IO = 500 mA, unless otherwise specified. Table 4. Electrical characteristics of L78S05 Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage 4.8 5 5.2 V VO Output voltage IO = 1 A, VI = 7 V 4.7555.25 V ΔVO Line regulation VI = 7 to 25 V 100 mV VI = 8 to 25 V 50 ΔVO Load regulation IO = 20 mA to 2 A 100 mV IQ Quiescent current 8 mA ΔIQ Quiescent current change IO = 20 mA to 1 A 0.5 mA VI = 7 to 25 V, IO = 20 mA 1.3 ΔVO/ΔT Output voltage drift IO = 5 mA, TJ = -55 °C to 150 °C -1.1 mV/°C eN Output noise voltage B =10 Hz to 100 kHz 40 µV SVR Supply voltage rejection f = 120 Hz 60 dB VI Operating input voltage IO ≤ 1 A 8 V RO Output resistance f = 1 kHz 17 m Ω Isc Short circuit current VI = 27 V 500 mA Iscp Short circuit peak current 3 A |