| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L7812AB Datasheet(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7812AB Datasheet(HTML) 54 Page - STMicroelectronics |
|
54 / 56 page ![]() Order codes L78xx, L78xxC, L78xxAB, L78xxAC 54/56 Doc ID 2143 Rev 22 9 Order codes Table 31. Order codes Part numbers Order codes TO-220 DPAK D²PAK TO-220FP TO-3 Output voltages L7805 L7805T 5 V L7805C L7805CV L7805CDT-TR L7805CD2T-TR L7805CP L7805CT 5 V L7805AB L7805ABV L7805ABD2T-TR L7805ABP 5 V L7805AC L7805ACV L7805ACD2T-TR L7805ACP 5 V L7806C L7806CV L7806CD2T-TR L7806CT 6 V L7806AB L7806ABV L7806ABD2T-TR 6 V L7806AC L7806ACV 6 V L7808C L7808CV L7808CD2T-TR L7808CP 8 V L7808AB L7808ABV L7808ABD2T-TR 8 V L7808AC L7808ACV 8 V L7885C L7885CV L7885CD2T-TR (1) 1. Available on request. L7885CP (1) L7885CT (1) 8.5 V L7809C L7809CV L7809CD2T-TR L7809CP 9 V L7809AB L7809ABV L7809ABD2T-TR 9 V L7809AC L7809ACV 9 V L7812C L7812CV L7812CD2T-TR L7812CP L7812CT 12 V L7812AB L7812ABV L7812ABD2T-TR 12 V L7812AC L7812ACV L7812ACD2T-TR 12 V L7815C L7815CV L7815CD2T-TR L7815CP L7815CT 15 V L7815AB L7815ABV L7815ABD2T-TR 15 V L7815AC L7815ACV L7815ACD2T-TR 15 V L7818C L7818CV L7818CD2T-TR (1) L7818CT 18 V L7824C L7824CV L7824CD2T-TR L7824CP L7824CT 24 V L7824AB L7824ABV L7824ABD2T-TR 24 V L7824AC L7824ACV 24 V |