Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L293D Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza L293D
Descripción Electrónicos  PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L293D Datasheet(HTML) 5 Page - STMicroelectronics

  L293D_03 Datasheet HTML 1Page - STMicroelectronics L293D_03 Datasheet HTML 2Page - STMicroelectronics L293D_03 Datasheet HTML 3Page - STMicroelectronics L293D_03 Datasheet HTML 4Page - STMicroelectronics L293D_03 Datasheet HTML 5Page - STMicroelectronics L293D_03 Datasheet HTML 6Page - STMicroelectronics L293D_03 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.85
1.40
0.033
0.055
b
0.50
0.020
b1
0.38
0.50
0.015
0.020
D
20.0
0.787
E
8.80
0.346
e
2.54
0.100
e3
17.78
0.700
F
7.10
0.280
I
5.10
0.201
L
3.30
0.130
Z
1.27
0.050
Powerdip 16
OUTLINE AND
MECHANICAL DATA
L293D - L293DD
5/7



Html Pages

1 2 3 4 5 6 7