Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L2720 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza L2720
Descripción Electrónicos  LOW DROP DUAL POWER OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2720 Datasheet(HTML) 5 Page - STMicroelectronics

  L2720 Datasheet HTML 1Page - STMicroelectronics L2720 Datasheet HTML 2Page - STMicroelectronics L2720 Datasheet HTML 3Page - STMicroelectronics L2720 Datasheet HTML 4Page - STMicroelectronics L2720 Datasheet HTML 5Page - STMicroelectronics L2720 Datasheet HTML 6Page - STMicroelectronics L2720 Datasheet HTML 7Page - STMicroelectronics L2720 Datasheet HTML 8Page - STMicroelectronics L2720 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
APPLICATION SUGGESTION
In order to avoid possible instability occuring into fi-
nal stage the usual suggestions for the linear power
stages are useful, as for instance :
- layout accuracy ;
- A 100nF capacitor connectedbetweensupply
pins and ground ;
- boucherot cell (0.1 to 0.2 µF + 1Ω series) be-
tween outputs and ground or across the load.
With single supply operation, a resistor (1k
Ω)
between the output and supply pin can be
necessary for stability.
Figure 8 :
Bidirectional DC Motor Control with
µP Compatible Inputs
VS1 = logic supply voltage
Must be VS2 > VS1
E1, E2 = logic inputs
Figure 9 :
Servocontrol for Compact-disc
Figure 10 : Capstan Motor Control in Video
Recorders
Figure 11 : Motor Current Control Circuit
Note :
The input voltage level is compatible with L291 (8 - BIT D/A converter)
L2720/2/4
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10