Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB90F482BPMC Datasheet(PDF) 56 Page - fujitsu semiconductor

No. de pieza MB90F482BPMC
Descripción Electrónicos  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPMC Datasheet(HTML) 56 Page - fujitsu semiconductor

Back Button MB90F482BPMC Datasheet HTML 52Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 53Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 54Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 55Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 56Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 57Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 58Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 59Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 60Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 124 page
background image
MB90480B/485B Series
56
DS07-13722-11E
(3) Input Capture
The input capture module performs the functions of detecting the rising edge, falling edge, or both edges of
signal input from external circuits, and saving the 16-bit free-run timer value at that moment to a register. An
interrupt can also be generated at the instant of edge detection.
The input capture module consists of input capture registers and a control register. Each input capture module
has its own external input pin.
• Selection of three types of valid edge for external input signals.
Rising edge, falling edge, both edges.
• An interrupt can be generated when a valid edge is detected in the external input signal.
• Register List
•Block Diagram
Input capture data registers (IPCP0, IPCP1)
Input capture control status register (ICS01)
Initial value
00005DH
00005FH
XXXXXXXXB
Initial value
00005CH
00005EH
XXXXXXXXB
Initial value
000060H
00000000B
15
14
13
12
11
10
9
8
RR
R
R
R
R
R
R
CP14
CP15
CP13
CP12
CP11
CP10
CP09
CP08
76
5
4
3
2
1
0
RR
R
R
R
R
R
R
CP06
CP07
CP05
CP04
CP03
CP02
CP01
CP00
76
5
4
3
2
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ICP0
ICP1
ICE1
ICE0
EG11
EG10
EG01
EG00
IN0
EG11 EG10 EG01 EG00
ICP1
ICP0
ICE1
ICE0
IN1
Capture data register 0
16-bit timer counter value (T15 to T00)
Capture data register 1
Edge detection
Edge detection
Interrupt
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com