Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EP3C10 Datasheet(PDF) 11 Page - Altera Corporation

No. de pieza EP3C10
Descripción Electrónicos  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C10 Datasheet(HTML) 11 Page - Altera Corporation

Back Button EP3C10 Datasheet HTML 7Page - Altera Corporation EP3C10 Datasheet HTML 8Page - Altera Corporation EP3C10 Datasheet HTML 9Page - Altera Corporation EP3C10 Datasheet HTML 10Page - Altera Corporation EP3C10 Datasheet HTML 11Page - Altera Corporation EP3C10 Datasheet HTML 12Page - Altera Corporation EP3C10 Datasheet HTML 13Page - Altera Corporation EP3C10 Datasheet HTML 14Page - Altera Corporation EP3C10 Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Chapter 1: Cyclone III Device Data Sheet
1–11
Electrical Characteristics
© January 2010
Altera Corporation
Cyclone III Device Handbook, Volume 2
I/O Standard Specifications
The following tables list input voltage sensitivities (V
IH and VIL), output voltage (VOH
and V
OL), and current drive characteristics (IOH and IOL) for various I/O standards
supported by Cyclone III devices. Table 1–13 through Table 1–18 provide the I/O
standard specifications for Cyclone III devices.
Table 1–12. Hysteresis Specifications for Schmitt Trigger Input in Cyclone III Devices
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
V
SCHMITT
Hysteresis for Schmitt trigger
input
V
CC IO = 3.3 V
200
—
—
mV
V
CC IO = 2.5 V
200
—
—
mV
V
CC IO = 1.8 V
140
—
—
mV
V
CC IO = 1.5 V
110
—
—
mV
Table 1–13. Cyclone III Devices Single-Ended I/O Standard Specifications
(Note 1), (2)
I/O Standard
V
CC IO (V)
V
IL (V)
V
IH (V)
V
OL (V)
V
OH (V)
I
OL
(mA)
I
OH
(mA)
Min
Typ
Max
Min
Max
Min
Max
Max
Min
3.3-V LVTTL (3)
3.135
3.3
3.465
—
0.8
1.7
3.6
0.45
2.4
4
–4
3.3-V LVCMOS (3)
3.135
3.3
3.465
—
0.8
1.7
3.6
0.2
V
CCIO – 0.2
2
–2
3.0-V LVTTL (3)
2.85
3.0
3.15
–0.3
0.8
1.7
V
CCIO + 0.3
0.45
2.4
4
–4
3.0-V LVCMOS (3)
2.85
3.0
3.15
–0.3
0.8
1.7
V
CCIO + 0.3
0.2
V
CCIO – 0.2
0.1
–0.1
2.5-V LVTTL and
LVCMOS (3)
2.375
2.5
2.625
–0.3
0.7
1.7
V
CCIO + 0.3
0.4
2.0
1
–1
1.8-V LVTTL and
LVCMOS
1.71
1.8
1.89
–0.3
0.35 *
V
CCIO
0.65 *
V
CC IO
2.25
0.45
V
CC IO – 0.45
2
–2
1.5-V LVCMOS
1.425
1.5
1.575
–0.3
0.35 *
V
CCIO
0.65 *
V
CC IO
V
CCIO + 0.3
0.25 * V
CCIO
0.75 * V
CC IO
2–2
1.2-V LVCMOS
1.14
1.2
1.26
–0.3
0.35 *
V
CCIO
0.65 *
V
CC IO
V
CCIO + 0.3
0.25 * V
CCIO
0.75 * V
CC IO
2–2
3.0-V PCI
2.85
3.0
3.15
—
0.3 *
V
CCIO
0.5 *
V
CC IO
V
CCIO + 0.3
0.1 * V
CC IO
0.9 * V
CCIO
1.5
–0.5
3.0-V PCI-X
2.85
3.0
3.15
—
0.35*
V
CCIO
0.5 *
V
CC IO
V
CCIO + 0.3
0.1 * V
CC IO
0.9 * V
CCIO
1.5
–0.5
Notes to Table 1–13:
(1) For voltage referenced receiver input waveform and explanation of terms used in Table 1–13, refer to “Single-ended Voltage referenced I/O Standard”
in “Glossary” on page 1–27.
(2) AC load CL = 10 pF.
(3) For more detail about interfacing Cyclone III devices with 3.3/3.0/2.5-V LVTTL/LVCMOS I/O standards, refer to AN 447: Interfacing Cyclone III
Devices with 3.3/3.0/2.5-V LVTTL and LVCMOS I/O Systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34