Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMA2805S/EM Datasheet(PDF) 6 Page - International Rectifier

No. de pieza AMA2805S/EM
Descripción Electrónicos  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

AMA2805S/EM Datasheet(HTML) 6 Page - International Rectifier

  AMA2805S/EM Datasheet HTML 1Page - International Rectifier AMA2805S/EM Datasheet HTML 2Page - International Rectifier AMA2805S/EM Datasheet HTML 3Page - International Rectifier AMA2805S/EM Datasheet HTML 4Page - International Rectifier AMA2805S/EM Datasheet HTML 5Page - International Rectifier AMA2805S/EM Datasheet HTML 6Page - International Rectifier AMA2805S/EM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
www.irf.com
AMA28XXD Series
Pin Designation
1.380
0.125
0.880
Ø 0.140
x 3
0.25 Typ
68
7
1
2
3
5
1.130
1.130
1.63
0.200
0.400
0.800
0.17
0.33
0.170
0.26 Typ
0.030 Dia
Mechanical Outline
Tolerance unless otherwise specified:
x.xx
±0.010
x.xxx ±0.005
Pin #
Designation
1
+ Output
2
Output Return
3
- Output
4
Blank
5
Enable
6
+ Input
7
Input Return
8
Case Ground



Html Pages

1 2 3 4 5 6 7