Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC18LF4331T-I/SP Datasheet(PDF) 61 Page - Microchip Technology

No. de pieza PIC18LF4331T-I/SP
Descripción Electrónicos  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-I/SP Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC18LF4331T-I/SP Datasheet HTML 57Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 58Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 59Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 60Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 61Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 62Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 63Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 64Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 61
PIC18F2331/2431/4331/4431
6.0
MEMORY ORGANIZATION
There are three memory types in enhanced MCU
devices. These memory types are:
• Program Memory
• Data RAM
• Data EEPROM
As Harvard architecture devices, the data and program
memories use separate buses, enabling concurrent
access of the two memory spaces. The data EEPROM,
for practical purposes, can be regarded as a peripheral
device, since it is addressed and accessed through a
set of control registers.
Additional detailed information on the operation of the
Flash program memory is provided in Section 8.0
“Flash
Program
Memory”
. Data EEPROM is
discussed separately in Section 7.0 “Data EEPROM
Memory”
.
FIGURE 6-1:
PROGRAM MEMORY MAP
AND STACK FOR
PIC18F2331/4331
6.1
Program Memory Organization
PIC18 microcontrollers implement a 21-bit program
counter that can address a 2-Mbyte program memory
space. Accessing a location between the upper bound-
ary of the physically implemented memory and the
2-Mbyte address will return all ‘0’s (a NOP instruction).
The PIC18F2331/4331 devices each have 8 Kbytes of
Flash memory and can store up to 4,096 single-word
instructions.
The PIC18F2431/4431 devices each have 16 Kbytes
of Flash memory and can store up to 8,192 single-word
instructions.
PIC18 devices have two interrupt vectors. The Reset
vector address is at 000000h and the interrupt vector
addresses are at 000008h and 000018h.
The program memory maps for PIC18F2331/4331 and
PIC18F2431/4431 devices are shown in Figure 6-1
and Figure 6-2, respectively.
FIGURE 6-2:
PROGRAM MEMORY MAP
AND STACK FOR
PIC18F2431/4431
PC<20:0>
Stack Level 1
Stack Level 31
Reset Vector LSb
High-Priority Interrupt Vector LSb
CALL,RCALL,RETURN
RETFIE,RETLW
21
000000h
000008h
000018h
1FFFFFh
Low-Priority Interrupt Vector LSb
On-Chip Flash
Program Memory
002000h
001FFFh
Unused
Read ‘0’s
PC<20:0>
Stack Level 1
Stack Level 31
Reset Vector LSb
High-Priority Interrupt Vector LSb
CALL,RCALL,RETURN
RETFIE,RETLW
21
000000h
000008h
000018h
1FFFFFh
Low-Priority Interrupt Vector LSb
On-Chip Flash
Program Memory
004000h
003FFFh
Unused
Read ‘0’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com