| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC18F4331-I/ML Datasheet(PDF) 363 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331-I/ML Datasheet(HTML) 363 Page - Microchip Technology |
|
363 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 363 PIC18F2331/2431/4331/4431 27.0 PACKAGING INFORMATION 27.1 Package Marking Information 28-Lead SPDIP (Skinny PDIP) XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX YYWWNNN Example PIC18F2331-I/SP 1010017 28-Lead SOIC XXXXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXXXX YYWWNNN Example PIC18F2431-E/SO 1010017 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 28-Lead QFN XXXXXXXX XXXXXXXX YYWWNNN Example 18F2431 -I/ML 1010017 3 e 3 e 3 e |