| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC18F4331-I/ML Datasheet(PDF) 360 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331-I/ML Datasheet(HTML) 360 Page - Microchip Technology |
|
360 / 392 page ![]() PIC18F2331/2431/4331/4431 DS39616D-page 360 2010 Microchip Technology Inc. FIGURE 26-17: EUSART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING TABLE 26-18: EUSART SYNCHRONOUS TRANSMISSION REQUIREMENTS FIGURE 26-18: EUSART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING TABLE 26-19: EUSART SYNCHRONOUS RECEIVE REQUIREMENTS Param No. Symbol Characteristic Min Max Units Conditions 120 TckH2dtV SYNC XMIT (MASTER & SLAVE) Clock High to Data Out Valid PIC18FXX31 — 40 ns PIC18LFXX31 — 100 ns 121 Tckrf Clock Out Rise Time and Fall Time (Master mode) PIC18FXX31 — 20 ns PIC18LFXX31 — 50 ns 122 Tdtrf Data Out Rise Time and Fall Time PIC18FXX31 — 20 ns PIC18LFXX31 — 50 ns Param. No. Symbol Characteristic Min Max Units Conditions 125 TdtV2ckl SYNC RCV (MASTER & SLAVE) Data Hold before CK (DT hold time) 10 — ns 126 TckL2dtl Data Hold after CK (DT hold time) 15 — ns 121 121 120 122 RC6/TX/CK/SS RC7/RX/DT/SDO Pin Pin 125 126 RC6/TX/CK/SS RC7/RX/DT/SDO Pin Pin |