Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSM22DPLE Datasheet(PDF) 5 Page - Schurter Inc.

No. de pieza MSM22DPLE
Descripción Electrónicos  Vandal-proof MSM DP switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM22DPLE Datasheet(HTML) 5 Page - Schurter Inc.

  MSM22DPLE Datasheet HTML 1Page - Schurter Inc. MSM22DPLE Datasheet HTML 2Page - Schurter Inc. MSM22DPLE Datasheet HTML 3Page - Schurter Inc. MSM22DPLE Datasheet HTML 4Page - Schurter Inc. MSM22DPLE Datasheet HTML 5Page - Schurter Inc. MSM22DPLE Datasheet HTML 6Page - Schurter Inc. MSM22DPLE Datasheet HTML 7Page - Schurter Inc. MSM22DPLE Datasheet HTML 8Page - Schurter Inc. MSM22DPLE Datasheet HTML 9Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
Point Illumination
Attention: Parts are delivered without series resistor.
Characteristics red LED
Point Illumination
Forward Current max. 40 mA
Forward Voltage at 10 mA = 2.0 VDC
Forward Voltage max. = 2.5 VDC
Characteristics green LED
Point Illumination
Forward Current max. 40 mA
Forward Voltage at 10 mA = 2.0 VDC
Forward Voltage max. = 2.5 VDC
Characteristics blue LED
Point Illumination
Forward Current max. 20 mA
Forward Voltage at 10 mA = 3.2 VDC
Forward Voltage max. = 3.7 VDC
Recommendation of series resistors for Point Illumination:
Material
Component
Material
Housing
Stainless Steel
Actuator
Stainless Steel
Light Conductor (Point Illumination)
PC
Illuminated Ring (Ring Illumination)
PA
Gasket
NBR70
Switcher Collet
PA
Intermediate Connector non-illuminated
PA
Intermediate Connector illuminated
PA
Switcher Adapter
PA
Changes that contribute to technical improvement are subject to alternations
Seite
Erstelldatum:
Ersteller:
Änderungsdatum: Geändert von:
Änderungs-Nr.
Datenblatt Nr.
Index
5 of 17
07.03.2008
Schillak
Schöchlin
9701
105.9534
a
Print date: 28/03/2008 08:31:00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17