| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F6453MLFD Datasheet(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F6453MLFD Datasheet(HTML) 22 Page - Renesas Technology Corp |
|
22 / 149 page ![]() REJ03B0232-0110 Rev.1.10 Page 22 of 144 Sep 06, 2010 R32C/153 Group 4. Special Function Registers (SFRs) Table 4.3 SFR List (3) Address Register Symbol Reset Value 000088h DMA1 Transfer Complete Interrupt Control Register DM1IC XXXX X000b 000089h UART1 Start Condition/Stop Condition Detection Interrupt Control Register BCN1IC XXXX X000b 00008Ah DMA3 Transfer Complete Interrupt Control Register DM3IC XXXX X000b 00008Bh Key Input Interrupt Control Register KUPIC XXXX X000b 00008Ch Timer A1 Interrupt Control Register TA1IC XXXX X000b 00008Dh Intelligent I/O Interrupt Control Register 1 IIO1IC XXXX X000b 00008Eh Timer A3 Interrupt Control Register TA3IC XXXX X000b 00008Fh Intelligent I/O Interrupt Control Register 3 IIO3IC XXXX X000b 000090h UART0 Transmit/NACK Interrupt Control Register S0TIC XXXX X000b 000091h Intelligent I/O Interrupt Control Register 5 IIO5IC XXXX X000b 000092h UART1 Transmit/NACK Interrupt Control Register S1TIC XXXX X000b 000093h Intelligent I/O Interrupt Control Register 7 IIO7IC XXXX X000b 000094h Timer B0 Interrupt Control Register TB0IC XXXX X000b 000095h Intelligent I/O Interrupt Control Register 9 IIO9IC XXXX X000b 000096h Timer B2 Interrupt Control Register TB2IC XXXX X000b 000097h Intelligent I/O Interrupt Control Register 11 IIO11IC XXXX X000b 000098h Timer B4 Interrupt Control Register TB4IC XXXX X000b 000099h 00009Ah INT4 Interrupt Control Register INT4IC XX00 X000b 00009Bh CAN1 Wake-up Interrupt Control Register C1WIC XXXX X000b 00009Ch INT2 Interrupt Control Register INT2IC XX00 X000b 00009Dh CAN3 Wake-up Interrupt Control Register C3WIC XXXX X000b 00009Eh INT0 Interrupt Control Register INT0IC XX00 X000b 00009Fh LIN1 Low Detection Interrupt Control Register L1LDIC XXXX X000b 0000A0h Intelligent I/O Interrupt Request Register 0 IIO0IR 0000 0XX1b 0000A1h Intelligent I/O Interrupt Request Register 1 IIO1IR 0000 0XX1b 0000A2h Intelligent I/O Interrupt Request Register 2 IIO2IR 0000 0X01b 0000A3h Intelligent I/O Interrupt Request Register 3 IIO3IR 0000 XXX1b 0000A4h Intelligent I/O Interrupt Request Register 4 IIO4IR 000X XXX1b 0000A5h Intelligent I/O Interrupt Request Register 5 IIO5IR 0000 XXX1b 0000A6h Intelligent I/O Interrupt Request Register 6 IIO6IR 0000 XXX1b 0000A7h Intelligent I/O Interrupt Request Register 7 IIO7IR 000X XXX1b 0000A8h Intelligent I/O Interrupt Request Register 8 IIO8IR 000X XXX1b 0000A9h Intelligent I/O Interrupt Request Register 9 IIO9IR 0X00 XXX1b 0000AAh Intelligent I/O Interrupt Request Register 10 IIO10IR 0X00 XXX1b 0000ABh Intelligent I/O Interrupt Request Register 11 IIO11IR 0X0X XXX1b 0000ACh 0000ADh 0000AEh 0000AFh X: Undefined Blanks are reserved. No access is allowed. |