Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F6451MLFD Datasheet(PDF) 100 Page - Renesas Technology Corp

No. de pieza R5F6451MLFD
Descripción Electrónicos  RENESAS MCU
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 96Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 97Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 98Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 99Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 100Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 101Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 102Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 103Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 121 page
background image
REJ03B0230-0110
Rev.1.10
Page 100 of 116
Sep 06, 2010
R32C/151 Group
5. Electrical Characteristics
VCC =5V
Timing Requirements (VCC = 4.2 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Table 5.33
Serial Bus Interface
Symbol
Characteristic
Value
Unit
Min.
Max.
f(SSCK)
SSCKi frequency
4MHz
tc(SSCK)
SSCKi clock cycle time
250
ns
tw(SSCKH)
SSCKi input high level pulse width
0.35 × tc(SSCK) 0.6 × tc(SSCK)
ns
tw(SSCKL)
SSCKi input low level pulse width
0.35 × tc(SSCK) 0.6 × tc(SSCK)
ns
tr(SSCK)
SSCKi input rising time
1µs
tf(SSCK)
SSCKi input falling time
1µs
tsu(SCS-SSCK)
SCSi input setup time
tc(BCLK) + 50
ns
th(SSCK-SCS)
SCSi input hold time
tc(BCLK) + 50
ns
tsu(SSI-SSCK)
SSI input setup time
80
ns
th(SSCK-SSI)
SSI input hold time
10
ns
tsu(SSO-SSCK)
SSO input setup time
80
ns
th(SSCK-SSO)
SSO input hold time
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com