| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
153 Datasheet(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
153 Datasheet(HTML) 14 Page - Renesas Technology Corp |
|
14 / 149 page ![]() REJ03B0232-0110 Rev.1.10 Page 14 of 144 Sep 06, 2010 R32C/153 Group 1. Overview Table 1.10 Pin Definitions and Functions (3/3) Function Symbol I/O Description A/D converter AN_0 to AN_7, AN0_0 to AN0_7, AN2_0 to AN2_7, AN15_0 to AN15_7 I Analog input for the A/D converter ADTRG I External trigger input for the A/D converter ANEX0 I/O Expanded analog input for the A/D converter and output in external op-amp connection mode ANEX1 I Expanded analog input for the A/D converter D/A converter DA0, DA1 O Output for the D/A converter Reference voltage input VREF I Reference voltage input for the A/D converter and D/A converter Intelligent I/O IIO0_0 to IIO0_7 I/O Input/output for the Intelligent I/O group 0. Either input capture or output compare is selectable IIO1_0 to IIO1_7 I/O Input/output for the Intelligent I/O group 1. Either input capture or output compare is selectable IIO2_0 to IIO2_7 I/O Input/output for the Intelligent I/O group 2. Either input capture or output compare is selectable IIO3_0 to IIO3_7 I/O Input/output for the Intelligent I/O group 3. Either input capture or output compare is selectable UD0A, UD1A, UD0B, UD1B I Input for the two-phase encoder Serial bus interface SSO0 to SSO2 I/O Serial data output. Functions as serial data input/output in 4-wire serial bus mode SSI0 to SSI2 I/O Serial data input. Functions as serial data input/output in 4-wire serial bus mode SSCK0 to SSCK2 I/O Transmit/receive clock input/output SCS0 to SCS2 I/O Input/output to control the synchronous serial interface LIN module LIN0_0OUT to LIN0_3OUT O Transmit data output for the LIN communications LIN0_0IN to LIN0_3IN I Receive data input for the LIN communications LIN1_0OUT to LIN1_3OUT O Transmit data output for the LIN communications LIN1_0IN to LIN1_3IN I Receive data input for the LIN communications CAN module CAN0IN to CAN3IN I Receive data input for the CAN communications CAN0OUT to CAN3OUT O Transmit data output for the CAN communications CAN0WU to CAN3WU I Input for the CAN wake-up interrupt |