| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
33G Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
33G Datasheet(HTML) 1 Page - Renesas Technology Corp |
|
1 / 54 page ![]() REJ03B0306-0010 Rev.0.10 Page 1 of 51 Jul. 21, 2010 R8C/33G Group, R8C/33H Group RENESAS MCU Preliminary Datasheet Specifications in this document are tentative and subject to change. 1. Overview 1.1 Features The R8C/33G Group, R8C/33H Group of single-chip MCUs incorporates the R8C CPU core, employing sophisticated instructions for a high level of efficiency. With 1 Mbyte of address space, and it is capable of executing instructions at high speed. In addition, the CPU core boasts a multiplier for high-speed operation processing. Power consumption is low, and the supported operating modes allow additional power control. These MCUs are designed to maximize EMI/EMS performance. Integration of many peripheral functions, including multifunction timer and serial interface, reduces the number of system components. The R8C/33G Group has data flash (1 KB × 4 blocks) with the background operation (BGO) function. 1.1.1 Applications Automobiles and others REJ03B0306-0010 Rev.0.10 Jul. 21, 2010 |
Número de pieza similar - 33G |
|
Descripción similar - 33G |