| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R8C Datasheet(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C Datasheet(HTML) 6 Page - Renesas Technology Corp |
|
6 / 54 page ![]() R8C/33G Group, R8C/33H Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. REJ03B0306-0010 Rev.0.10 Page 6 of 51 Jul. 21, 2010 1.2 Product List Table 1.5 lists Product List for R8C/33G Group and Figure 1.1 shows a Part Number, Memory Size, and Package of R8C/33G Group. Table 1.6 lists Product List for R8C/33H Group and Figure 1.2 shows a Part Number, Memory Size, and Package of R8C/33H Group. (D): Under development Figure 1.1 Part Number, Memory Size, and Package of R8C/33G Group Table 1.5 Product List for R8C/33G Group Current of Jul 2010 Part No. ROM Capacity RAM Capacity Package Type Remarks Program ROM Data flash R5F21334GJFP (D) 16 Kbytes 1 Kbyte × 4 1.5 Kbytes PLQP0032GB-A J version R5F21336GJFP (D) 32 Kbytes 1 Kbyte × 4 2.5 Kbytes PLQP0032GB-A R5F21334GKFP (D) 16 Kbytes 1 Kbyte × 4 1.5 Kbytes PLQP0032GB-A K version R5F21336GKFP (D) 32 Kbytes 1 Kbyte × 4 2.5 Kbytes PLQP0032GB-A Part No. R 5 F 21 33 6 G J FP Package type: FP: PLQP0032GB-A (0.8 mm pin-pitch, 7 mm square body) Classification J: Operating ambient temperature -40°C to 85°C K: Operating ambient temperature -40°C to 125°C ROM capacity 4: 16 KB 6: 32 KB R8C/33G Group R8C/3x Series Memory type F: Flash memory Renesas MCU Renesas semiconductor |