Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MBR20L60CT Datasheet(PDF) 1 Page - Sirectifier Global Corp.

No. de pieza MBR20L60CT
Descripción Electrónicos  Power Schottky Rectifier - 20Amp 60Volt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIRECT [Sirectifier Global Corp.]
Página de inicio  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR20L60CT Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  MBR20L60CT Datasheet HTML 1Page - Sirectifier Global Corp. MBR20L60CT Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 20Amp 60Volt
Features
-Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
-High Junction Temperature Capability
-Low forward voltage, high current capability
-High surge capacity
-Low power loss, high efficiency
Application
-Switching-Mode Power Supply
-Solar-System Control Box
Absolute maximum ratings
Symbol
Ratings
Unit
Conditions
IF(AV)
20
A
Average Forward Current
VRRM
60
V
Repetitive Peak Reverse Voltage
IFSM
150
A
Peak Forward Surge Current
VF
0.56
V
Forward Voltage Drop
Tj , Tstg
-50 to +175
º
C
Operating and Storage Temperature
Electrical characteristics
Parameters
Symbol
Ratings
Conditions
Maximum Instantaneous Forward Voltage
VF
0.72V
0.56V
Per Leg at
IF = 10A
Tc = 25ºC
Tc = 125ºC
Maximum Reverse Leakage Current
IR
0.05mA
10mA
Per Leg at
VR = 60V
Tc = 25ºC
Tc = 125ºC
Typical Thermal Resistance,Junction to Case
Rθ (j-c)
2.2 ºC/W
4.5 ºC/W
Per Leg
TO-220AB
ITO-220AB
June 2012 / Rev.6.8
E
L
E
C
T
R
O
N
I
C
MBR20L60CT/FCT


Número de pieza similar - MBR20L60CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MBR20L60CT ONSEMI-MBR20L60CT Datasheet
142Kb / 7P
SWITCHMODE??Power Rectifier 60 V, 20 A
December, 2008 ??Rev. 0
logo
Sirectifier Global Corp...
MBR20L60CT SIRECT-MBR20L60CT Datasheet
133Kb / 3P
Power Schottky Rectifier - 20Amp 60Volt
logo
Inchange Semiconductor ...
MBR20L60CT ISC-MBR20L60CT Datasheet
226Kb / 2P
Schottky Barrier Rectifier
logo
Zibo Seno Electronic En...
MBR20L60CT ZSELEC-MBR20L60CT Datasheet
237Kb / 2P
20.0A SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
MBR20L60CT SUNMATE-MBR20L60CT Datasheet
1Mb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - MBR20L60CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sirectifier Global Corp...
MBR4060CT SIRECT-MBR4060CT Datasheet
141Kb / 2P
Power Schottky Rectifier - 40Amp 60Volt
SBL30L60CT SIRECT-SBL30L60CT Datasheet
129Kb / 2P
Power Schottky Rectifier - 30Amp 60Volt
MBR20A60CTH SIRECT-MBR20A60CTH Datasheet
133Kb / 3P
Power Schottky Rectifier - 20Amp 60Volt
MBR20B60CTH SIRECT-MBR20B60CTH Datasheet
131Kb / 3P
Power Schottky Rectifier - 20Amp 60Volt
MBR20L60CT SIRECT-MBR20L60CT Datasheet
133Kb / 3P
Power Schottky Rectifier - 20Amp 60Volt
SBL10SL60CTH SIRECT-SBL10SL60CTH Datasheet
132Kb / 3P
Power Schottky Rectifier - 10Amp 60Volt
SBL20B60CTH SIRECT-SBL20B60CTH Datasheet
147Kb / 4P
Power Schottky Rectifier - 20Amp 60Volt
SBL20U60CTH SIRECT-SBL20U60CTH Datasheet
132Kb / 3P
Power Schottky Rectifier - 20Amp 60Volt
SBL60B60CTH SIRECT-SBL60B60CTH Datasheet
131Kb / 3P
Power Schottky Rectifier - 60Amp 60Volt
logo
Kersemi Electronic Co.,...
MBR20B60FCTH KERSEMI-MBR20B60FCTH Datasheet
1Mb / 3P
Power Schottky Rectifier - 20Amp 60Volt
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com