| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TUSB1106RSVR Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB1106RSVR Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 34 page ![]() www.ti.com V pu(3.3) V CC(5.0) V reg(3.3) 1.65Vto3.6V System ASIC 15kW V BUS D– D+ SPEED SOFTCON RCV VPO/VO VP VM OE SUSPND MODE (A) VMO/FSE0 V CC(I/O) 0.1µF V CC 33 W 33 W 0.1µF 15kW 3.3V 5V TUSB1105/1106 GND GND GND GND GND GND Host-Side (3.3-V Supply Present) Internal Regulator Bypass Mode TUSB1105, TUSB1106 ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS SCAS818D – MAY 2006 – REVISED FEBRUARY 2008 A. Only for TUSB1105 Figure 13. Host-Side (3.3-V Supply Present) Internal Regulator Bypass Mode If a 3.3-V supply supports the USB-side power, VCC(5.0) and Vreg(3.3) must to be tied together and connected to a 3.3-V supply. It also makes the regulator inactive. Copyright © 2006–2008, Texas Instruments Incorporated Submit Documentation Feedback 19 Product Folder Link(s): TUSB1105 TUSB1106 |