Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RH5RL37AC-RF Datasheet(PDF) 14 Page - RICOH electronics devices division

No. de pieza RH5RL37AC-RF
Descripción Electrónicos  VOLTAGE REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICOH [RICOH electronics devices division]
Página de inicio  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RL37AC-RF Datasheet(HTML) 14 Page - RICOH electronics devices division

Back Button RH5RL37AC-RF Datasheet HTML 10Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 11Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 12Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 13Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 14Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 15Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 16Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 17Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 18Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
13
R
×5RL
R
×5RL50A
R
×5RL30A
R
×5RL40A
R
×5RL50A
4) Output Voltage vs.Temperature
Output Current IOUT(mA)
0
10
20
30
40
50
0.0
0.4
0.6
0.2
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Topt=−40℃
25℃
85℃
IOUT=10mA
VIN=5.0V
–40 –20
Temperature Topt(˚C)
0
20
40
60
80
100
2.90
2.92
2.94
2.96
2.98
3.00
3.02
3.04
3.06
3.08
3.10
IOUT=10mA
VIN=7.0V
–40 –20
Temperature Topt(˚C)
0
20
40
60
80
100
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
IOUT=10mA
VIN=6.0V
–40 –20
Temperature Topt(˚C)
0
20
40
60
80
100
3.90
3.92
3.94
3.96
3.98
4.00
4.02
4.04
4.06
4.08
4.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com