Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0468190003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0468190003
Descripción Electrónicos  High Power Terminal 60A, 6Awg Crimp, Tin(Sn)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX6 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0468190003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0468190003 Datasheet HTML 1Page - Molex Electronics Ltd. 0468190003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0468190003
Status:
Active
Description:
High Power Terminal 60A, 6Awg Crimp, Tin(Sn)
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
46819
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Gender
Female
Material - Metal
Copper
Material - Plating Mating
Nickel
Material - Plating Termination
Tin
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
5.80mm (.228") max.
Wire Size AWG
6
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-46819-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
46819Series
Mates With
46817 Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™
Applicator Air Feed
for Power 60 Amp
Crimp Terminals, 6
AWG
0638320600
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0468190003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0468190001 MOLEX6-0468190001 Datasheet
157Kb / 2P
High Power Terminal 60A, 10Awg Crimp, Tin(Sn)
0468190002 MOLEX6-0468190002 Datasheet
157Kb / 2P
High Power Terminal 60A, 8Awg Crimp, Tin(Sn)
More results

Descripción similar - 0468190003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0351009002 MOLEX4-0351009002 Datasheet
74Kb / 2P
Crimp Terminal 35100, Reel, Tin (Sn) Brass Tin (Sn)
0468190001 MOLEX6-0468190001 Datasheet
157Kb / 2P
High Power Terminal 60A, 10Awg Crimp, Tin(Sn)
0468190012 MOLEX6-0468190012 Datasheet
156Kb / 2P
High Power Terminal 60A, 8Awg Crimp, 0.76um (30u") Gold (Au)
0468190002 MOLEX6-0468190002 Datasheet
157Kb / 2P
High Power Terminal 60A, 8Awg Crimp, Tin(Sn)
1721601806 MOLEX1-1721601806 Datasheet
47Kb / 1P
3.96mm Pitch EdgeMate Crimp Terminal, Brass, Tin (Sn), Bifurcated
0366630001 MOLEX1-0366630001_18 Datasheet
32Kb / 1P
MLX Crimp Terminal, 10-12 AWG, Reel, Tin (Sn)
0366630002 MOLEX1-0366630002 Datasheet
32Kb / 1P
MLX Crimp Terminal, 10-12 AWG, Bag, Tin (Sn)
1730410001 MOLEX1-1730410001 Datasheet
44Kb / 1P
ValuSeal Crimp Terminal, Male, 16-18 AWG, Tin (Sn)
1730410003 MOLEX1-1730410003 Datasheet
45Kb / 1P
ValuSeal Crimp Terminal, Male, 16 AWG, Tin (Sn)
1730420003 MOLEX1-1730420003 Datasheet
41Kb / 1P
ValuSeal Crimp Terminal, Female, 16 AWG, Tin (Sn)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com