Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0399700108 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0399700108
Descripción Electrónicos  10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 8 Circuits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX5 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0399700108 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0399700108 Datasheet HTML 1Page - Molex Electronics Ltd. 0399700108 Datasheet HTML 2Page - Molex Electronics Ltd. 0399700108 Datasheet HTML 3Page - Molex Electronics Ltd. 0399700108 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0399700108
Status:
Active
Description:
10.16mm (.400") Beau™ Eurostyle™ Fixed Mount PCB Terminal Block, High Power
60A, 8 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39970
Application
Wire-to-Board
Component Type
One Piece
Product Name
Eurostyle™Fixed Mount
Type
Euro Block
Physical
Circuits (Loaded)
8
Circuits (maximum)
8
Entry Angle
Horizontal
Flammability
94V-0
Lock to Mating Part
None
Material - Metal
Brass, Copper
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.160 In
PC Tail Length (mm)
4.06 mm
PCB Retention
None
Panel Mount
No
Pitch - Mating Interface (in)
0.400 In
Pitch - Mating Interface (mm)
10.16 mm
Pitch - Term. Interface (in)
0.400 In
Pitch - Term. Interface (mm)
10.16 mm
Plating min: Mating (µin)
150
Plating min: Mating (µm)
3.8
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.8
Polarized to Mating Part
N/A
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
130°C
Termination Interface: Style
Through Hole
Wire Size AWG
10, 12, 14, 16, 18, 8
Wire Size mm²
0.75 - 10.0
Electrical
Current - Maximum per Contact
60A
Voltage - Maximum
300V
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39970Series
Mates With
N/A


Número de pieza similar - 0399700108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0399700102 MOLEX5-0399700102 Datasheet
223Kb / 4P
10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 2 Circuits
0399700103 MOLEX5-0399700103 Datasheet
223Kb / 4P
10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 3 Circuits
0399700104 MOLEX5-0399700104 Datasheet
223Kb / 4P
10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 4 Circuits
0399700105 MOLEX5-0399700105 Datasheet
223Kb / 4P
10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 5 Circuits
0399700106 MOLEX5-0399700106 Datasheet
223Kb / 4P
10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 6 Circuits
More results

Descripción similar - 0399700108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0399700103 MOLEX5-0399700103 Datasheet
223Kb / 4P
10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 3 Circuits
0399700109 MOLEX5-0399700109 Datasheet
223Kb / 4P
10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 9 Circuits
0399700111 MOLEX5-0399700111 Datasheet
223Kb / 4P
10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 11 Circuits
0399700105 MOLEX5-0399700105 Datasheet
223Kb / 4P
10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 5 Circuits
0399700110 MOLEX5-0399700110 Datasheet
223Kb / 4P
10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 10 Circuits
0399700102 MOLEX5-0399700102 Datasheet
223Kb / 4P
10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 2 Circuits
0399100108 MOLEX5-0399100108 Datasheet
181Kb / 4P
10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 8 Circuits
0399700104 MOLEX5-0399700104 Datasheet
223Kb / 4P
10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 4 Circuits
0399700107 MOLEX5-0399700107 Datasheet
223Kb / 4P
10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 7 Circuits
0399700112 MOLEX5-0399700112 Datasheet
223Kb / 4P
10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 12 Circuits
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com