Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PM9604APE Datasheet(PDF) 4 Page - Sames

No. de pieza PM9604APE
Descripción Electrónicos  THREE PHASE POWER/ENERGY METERING MODULE FOR SPI BUS AND PULSE OUTPUT DEVICES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMES [Sames]
Página de inicio  http://www.sames.co.za
Logo SAMES - Sames

PM9604APE Datasheet(HTML) 4 Page - Sames

  PM9604APE Datasheet HTML 1Page - Sames PM9604APE Datasheet HTML 2Page - Sames PM9604APE Datasheet HTML 3Page - Sames PM9604APE Datasheet HTML 4Page - Sames PM9604APE Datasheet HTML 5Page - Sames PM9604APE Datasheet HTML 6Page - Sames PM9604APE Datasheet HTML 7Page - Sames PM9604APE Datasheet HTML 8Page - Sames PM9604APE Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PM9604/5AP
4/14
sames
FUNCTIONAL DESCRIPTION
1.
Power Calculation
In the Application Circuit (Figure 2), the output current from the current sensor will be
between 0 and 16µA
RMS. The current input stage saturates at input currents greater
than18µA
RMS. The mains voltage (mains voltage + 15% -20%) is used for the power
calculation, together with the current information from the current sensor (current
transformers).
For rated conditions, the signals into the current and voltage sensor inputs are set
as follows:
Current sensor input currents:
16µA
RMS
Voltage sensor input currents: 14µA
RMS
2.
Electrostatic Discharge (ESD) Protection
The device's inputs/outputs are protected against ESD. The modules resistance to
transients will be dependant upon the protection components used.
3.
Power Consumption
The overall power consumption rating for this power metering application (Figure
2), is under 2.4W, excluding the current sensors.
4.
Isolation
The reference for the unit is connected to neutral.
5.
Isolated Input/Output Interface
The isolated interface is provided to allow the user to access the registers of the
SA9604A and the output signals of the SA9605A.
Two connector types are available on the PM9604/5AP module to access the
outputs of the two devices:
SK2 - a 25-way D-type connector (female) for the SA9604A
SK3 - a 4-pin connector for the SA9605A.
Only one of the output interfaces must be used at any one time to avoid conflict of
signal levels on the opto-couplers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14