Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1189GL Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 1189GL
Descripción Electrónicos  2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189, Female, with Gold (Au) over Nickel Plated Brass Contact, 14-20 AWG, Bag, with Dimple
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX3 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

1189GL Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1189GL Datasheet HTML 1Page - Molex Electronics Ltd. 1189GL Datasheet HTML 2Page - Molex Electronics Ltd. 1189GL Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039000294
Status:
Active
Overview:
standard_093
Description:
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series
1189, Female, with Gold (Au) over Nickel Plated Brass Contact, 14-20 AWG, Bag, with
Dimple
Documents:
Drawing (PDF)
Product Specification PS-1189-006 (PDF)
Product Specification PS-1189-005 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
1189
Comments
with Dimple
Crimp Quality Equipment
Yes
Overview
standard_093
Product Name
Standard .093"
Physical
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Unplated
Material - Plating Termination
Unplated
Packaging Type
Bag
Wire Insulation Diameter
1.60-4.10mm (.063-.161")
Wire Size AWG
14, 16, 18, 20
Wire Size mm²
N/A
Material Info
Old Part Number
1189GL
Reference - Drawing Numbers
Product Specification
PS-1189-005, PS-1189-006
Sales Drawing
SD-1189-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1189Series
Use With
3191r
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0638191100
Extraction Tool
0011030006
Japan
Description
Product #
Hand Crimp Tool
JHTR1031C
0011260006
Hand Extraction Tool 0011260029
This document was generated on 05/24/2010


Número de pieza similar - 1189GL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
1189 ETC-1189 Datasheet
210Kb / 1P
Heyco짰 Male/Female Combination Terminals ??7 Gauge
logo
Heyco.
1189 HEYCO-1189 Datasheet
198Kb / 1P
Male/Female Combination Terminals - 20 Gauge
logo
Ashcroft, Inc.
1189 ASHCROFT-1189 Datasheet
401Kb / 4P
1189 Low Pressure Bellows Gauge
RevG_11-26-22
logo
Adafruit Industries
1189 ADAFRUIT-1189 Datasheet
410Kb / 2P
Massive Arcade Button with LED - 100mm Blue
logo
RUBYCON CORPORATION
1189-3693-KIT RUBYCON-1189-3693-KIT Datasheet
170Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Descripción similar - 1189GL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0002095102 MOLEX1-0002095102 Datasheet
126Kb / 3P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189,Female, with Selective Gold (Au) Plated Brass Contact, 14-20 AWG, Reel
0002095100 MOLEX1-0002095100 Datasheet
126Kb / 3P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189,Female, with Gold (Au) Plated Brass Contact, 14-20 AWG, Reel
0002096110 MOLEX1-0002096110 Datasheet
144Kb / 2P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1190,Male, with Selective Gold (Au) Plated Brass Contact, 14-20 AWG, Bag
0002096106 MOLEX1-0002096106 Datasheet
144Kb / 2P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1190, Male, with Gold (Au) Plated Brass Contact, 14-20 AWG, Bag
0002095111 MOLEX1-0002095111 Datasheet
125Kb / 2P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189, Female, with Selective Gold (Au) Plated Brass Contact, 14-20 AWG, Bag
0002091104 MOLEX1-0002091104 Datasheet
127Kb / 2P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189, Female, with Tin (Sn) Plated Brass Contact, 14-20 AWG, Bag
0002095106 MOLEX1-0002095106 Datasheet
125Kb / 2P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189, Female, with Gold (Au) Plated Brass Contact, 14-20 AWG, Bag
0002091102 MOLEX1-0002091102 Datasheet
126Kb / 3P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189, Female, with Tin (Sn) Plated Brass Contact, 14-20 AWG, Reel
0039000289 MOLEX3-0039000289 Datasheet
123Kb / 3P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189, Female, with Tin (Sn) over Copper Plated Brass Contact, 14-20 AWG, Bag
0039000295 MOLEX3-0039000295 Datasheet
122Kb / 3P
2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189, Female, with Gold (Au) over Nickel Plated Brass Contact, 14-20 AWG, Bag
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com