Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU9255FS Datasheet(PDF) 5 Page - Rohm

No. de pieza BU9255FS
Descripción Electrónicos  KARAOKE echo IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU9255FS Datasheet(HTML) 5 Page - Rohm

  BU9255FS Datasheet HTML 1Page - Rohm BU9255FS Datasheet HTML 2Page - Rohm BU9255FS Datasheet HTML 3Page - Rohm BU9255FS Datasheet HTML 4Page - Rohm BU9255FS Datasheet HTML 5Page - Rohm BU9255FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Multimedia ICs
BU9253AS / BU9253FS / BU9255FS
• When switching between the muted and unmuted
state (pin 15 (pin 17) L
→M→H), the pin 15 (pin 17) M
time should be longer than one SRAM cycle. This is to
assure stability by initializing the SRAM before mode
switching.
Note: Figures in parentheses ( ) are for BU9253AS.
(2) Differences between BU9253AS / FS and BU9255FS
There is a difference regarding the signal stopping for
muting. With BU9253AS / FS, the output from pin 8 (pin
9) is stopped during muting. With BU9255FS, the output
from pin 5 is stopped during muting.
•Application example (for BU9253FS / BU9255FS)
VCC
VCC
100
µ
0.1
µ
0.01
µ
0.012
µ
20k
20k
8.2k
IN
4700p
10k
100p
39k
MUTE
MIX
2.2
µ
2.2
µ
RESISTOR : [
Ω]
Unit
CAPACITOR: [F]
OUT
3300p
15k
10k
4.7k
0.01
µ
0.01
µ
22
µ
ECHO LEVEL
12345678
0.47
µ
D / A
SRAM
A / D
OSC
16
15
14
13
12
11
10
9
COUNTER
Fig. 2
+
–
+
–
+
+
+
(1) Mute control functions
H
Unmuted (operating state)
M
Muted
L
Clock stop and muted
Pin 15 voltage (pin 17)
Mode



Html Pages

1 2 3 4 5 6