| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BA6492BFS Datasheet(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA6492BFS Datasheet(HTML) 1 Page - Rohm |
|
1 / 13 page ![]() 555 Motor driver ICs FDD spindle motor driver BA6492BFS The BA6492BFS is a one-chip IC designed for driving FDD spindle motors. This high-performance IC employs a 3-phase, full-wave soft switching drive system, and contains a digital servo, an index amplifier, two monostable multivi- brator elements, and a power save circuit. The compactly packaged IC reduces the number of external components required. FApplications Floppy disk drivers FFeatures 1) 3-phase, full-wave soft switching drive system. 2) Digital servo circuit. 3) Power save circuit. 4) Hall power supply switch. 5) Motor speed changeable. 6) Index amplifier. Built-in 2 monostable multivibrator. FAbsolute maximum ratings (Ta = 25_C) FRecommended operating conditions (Ta = 25_C) |
Número de pieza similar - BA6492BFS |
|
Descripción similar - BA6492BFS |