Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA4560F Datasheet(PDF) 4 Page - Rohm

No. de pieza BA4560F
Descripción Electrónicos  Dual high slew rate operational amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA4560F Datasheet(HTML) 4 Page - Rohm

  BA4560F Datasheet HTML 1Page - Rohm BA4560F Datasheet HTML 2Page - Rohm BA4560F Datasheet HTML 3Page - Rohm BA4560F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Standard ICs
BA4560 / BA4560F / BA4560N
•Operation notes
(1) Handling unused circuits
If there are any circuits which are not being used, we
recommend making connections as shown in Figure
9, with the non-inverted input pin connected to the
potential within the in-phase input voltage range
(VICM).
–
+
To potential
in VICM
VEE
VCC
Fig.9 Unused circuit connections
•Exteral dimensions (Units: mm)
BA4560F
BA4560N
BA4560
DIP8
SOP8
SIP8
0.5
± 0.1
85
14
9.3
± 0.3
0.3
± 0.1
2.54
0
° ~ 15°
7.62
0.4
± 0.1
1.27
0.15
0.3Min.
5.0
± 0.2
85
4
1
1
8
2.54
1.3
0.8
0.6
0.3
± 0.1
2.8
± 0.2
19.3
± 0.2



Html Pages

1 2 3 4