Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA3308F Datasheet(PDF) 6 Page - Rohm

No. de pieza BA3308F
Descripción Electrónicos  Dual preamplifier with ALC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA3308F Datasheet(HTML) 6 Page - Rohm

  BA3308F Datasheet HTML 1Page - Rohm BA3308F Datasheet HTML 2Page - Rohm BA3308F Datasheet HTML 3Page - Rohm BA3308F Datasheet HTML 4Page - Rohm BA3308F Datasheet HTML 5Page - Rohm BA3308F Datasheet HTML 6Page - Rohm BA3308F Datasheet HTML 7Page - Rohm BA3308F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
198
Audio ICs
BA3308 / BA3308F / BA3308FV
FOperation notes
The BA3308 has a built-in power-on mute circuit to pre-
vent generation of a “pop” sound when the power is ap-
plied. The generation of the “pop” sound is prevented by
the DC blocking capacitors C3 and C4 connected to pins
1 and 9, and the charge time required for the ripple filter
capacitor C8 that is connected to pin 6.
To ensure correct operation of this circuit, use the values
given in the application example circuit for C3, C4, R3, R4,
C8 and R8.
FApplication board component layout (component side)



Html Pages

1 2 3 4 5 6 7 8