Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SC412AEVB Datasheet(PDF) 16 Page - Semtech Corporation

No. de pieza SC412AEVB
Descripción Electrónicos  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412AEVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC412AEVB Datasheet HTML 12Page - Semtech Corporation SC412AEVB Datasheet HTML 13Page - Semtech Corporation SC412AEVB Datasheet HTML 14Page - Semtech Corporation SC412AEVB Datasheet HTML 15Page - Semtech Corporation SC412AEVB Datasheet HTML 16Page - Semtech Corporation SC412AEVB Datasheet HTML 17Page - Semtech Corporation SC412AEVB Datasheet HTML 18Page - Semtech Corporation SC412AEVB Datasheet HTML 19Page - Semtech Corporation SC412AEVB Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
Layout Guidelines
Layout Guidelines
One or more ground planes are recommended to minimize
the effect of switching noise and copper losses and to
maximize heat removal. The analog ground reference, RTN,
should connect directly to the thermal pad, which in turn
connects to the ground plane through preferably one large
via. There should be a RTN plane or copper are near the
chip; all components that are referenced to RTN should
connect to this plane directly, not through the ground plane,
and located on the chip side of the PCB if possible.
GND should be a separate plane which is not used for
routing analog traces. The VCC input provides power to
the internal analog circuits and the upper and lower gate
drivers.
The VCC supply decoupling capacitor should be tied be-
tween VCC and GND with short traces. All power GND
connections should connect directly to this plane with
special attention given to avoiding indirect connections
between RTN and GND which will create ground loops. As
mentioned above, the RTN plane must be connected to the
GND plane at the chip near the RTN/GND pins.
The switcher power section should connect directly to the
ground plane(s) using multiple vias as required for current
handling (including the chip power ground connections).
Power components should be placed to minimize loops
and reduce losses. Make all the power connections on
one side of the PCB using wide copper filled areas if
possible. Do not use “minimum” land patterns for power
components. Minimize trace lengths and maximize trace
widths between the gate drivers and the gates of the
MOSFETs to reduce parasitic impedances (and MOSFET
switching losses); the low-side MOSFET is most critical.
Maintain a length to width ratio of <20:1 for gate drive
signals. Use multiple vias as required by current handling
requirement (and to reduce parasitic) if routed on more
than one layer.
For an accurate ILIM current sense connection, connect
the ILIM trace to the current sense element (MOSFET or
resistor) directly at the pin of the element, and route that
trace over to the ILIM resistor on another layer if needed.
The layout can be generally considered in two parts; the
control section referenced to RTN, and the switcher power
section referenced to GND.
Looking at the control section first, locate all components
referenced to RTN on the schematic and place these
components near the chip and on the same side if possible.
Connect RTN using a wide trace. Very little current flows
in the RTN path and therefore large areas of copper are
not needed. Connect the RTN pin directly to the thermal
pad under the device as the only connection between RTN
and GND.
The chip supply decoupling capacitor (VCC/GND) should
be located near to the pins. Since the DL pin is directly
between VCC and GND, and the DL trace must be a wide,
direct trace, the VCC decoupling capacitor is best placed
on the opposite side of the PCB, routed with traces as short
as possible and using at least two vias when connecting
through the PCB.
There are two sensitive, feedback-related pins at the chip:
VOUT and FB. Proper routing is needed to keep noise
away from these signals. All components connected to
FB should be located directly at the chip, and the copper
area of the FB node minimized. The VOUT trace that
feeds into the VOUT pin, which also feeds the FB resistor
divider, must be kept far away from noise sources such
as switching nodes, inductors and gate drives. Route the
VOUT trace in a quiet layer if possible, from the output
capacitor back to the chip.
For the switcher power section, there are a few key
guidelines to follow:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com