| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ECOG2DP123D Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECOG2DP123D Datasheet(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 3 page ![]() Aluminium Electrolytic Capacitors/GUP Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail. – EE187 – Series: GUP -25 to + 85 °C 160 to 450 V .DC 2700 to 56000 µ F ±20% (120Hz/+20 °C) Japan (µA) or 5(mA) whichever, smaller, after 5 minutes application of rated working voltage at +20 °C C:Capacitance(µF) V: W.V. (V.DC) 3ヨCV n Frequency Correction Factor for Ripple Current 0.86 0.90 0.83 0.85 0.81 0.85 50 60 120 300 360 1k 10k to 64 77, 90 64 77, 90 64 77, 90 n Dimensions in mm (not to scale) n Mounting clamp φD φD1 φD2 W1 W2 64 77 90 76.0 89.0 101.6 86.0 100.0 113.0 8.0 8.0 8.0 13.0 14.0 14.0 0.91 0.95 0.88 0.90 0.87 0.90 1.00 1.00 1.00 1.00 1.00 1.00 1.05 1.05 1.07 1.05 1.07 1.05 1.06 1.06 1.08 1.06 1.08 1.06 1.08 1.08 1.13 1.11 1.13 1.11 1.10 1.10 1.20 1.20 1.21 1.20 Freq.(Hz) φD(mm) W.V.(V) 160, 200 250, 350 400, 450 (mm) φD 64 77 90 F 28.6 31.8 31.8 120 ° φD2 W1 W2 45° φD A B C E H max 64 77 93.0 104.5 81.0 93.5 70.0 90.0 5.0 5.0 13 13 8.4 14 A B (mm) (mm) Screw Terminal Type n Features n Specifications Category temp. range Rated W.V. Range Nominal Cap. Range DC Leakage Current Capacitance Tolerance Dissipation Factor Endurance Shelf Life After 5000 hours application of DC voltage with specified ripple current (< rated DC working volt- age ) at +85 °C, the capacitor shall meet the following limits.(160 to 250 W.V. : 2000 hours at +85°C) Please see the attached standard products list Capacitance change D.F. DC leakage current ±20 % of initial measured value < 200 % of initial specified value < initial specified value After storage for 1000hours at +85±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in ìEnduranceî.(With voltage treatment) Endurance: 85 °C 2000, 5000 h High-ripple-current product Expanded case size up to φ90x222 High CV packed n Recommended Applications For general-purpose inverter, power supply for backup system, motor-control, inverter Withstand Voltage Application of 1500 V.AC between V-block and terminals for 1 minute, there shall be no abnormalities like destruction of insulator. L+4 max 9 max M5x12 Hexagonal-bolt Vent P.V.C. sleeve Discontinued Mar. 2005 |
Número de pieza similar - ECOG2DP123D |
|
Descripción similar - ECOG2DP123D |