Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SC174 Datasheet(PDF) 21 Page - Semtech Corporation

No. de pieza SC174
Descripción Electrónicos  4A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC174 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC174 Datasheet HTML 17Page - Semtech Corporation SC174 Datasheet HTML 18Page - Semtech Corporation SC174 Datasheet HTML 19Page - Semtech Corporation SC174 Datasheet HTML 20Page - Semtech Corporation SC174 Datasheet HTML 21Page - Semtech Corporation SC174 Datasheet HTML 22Page - Semtech Corporation SC174 Datasheet HTML 23Page - Semtech Corporation SC174 Datasheet HTML 24Page - Semtech Corporation SC174 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
© 2010 Semtech Corporation
On the bottom layer, the resistor network composed of
R3 and R4 determines the output voltage. C7 is the feed
forward capacitor which helps to stabilize the circuit. R6
in series with C9 is connected to the LX pin (through the
via) to the power ground. C8 is the coupling capacitor
which injects the ramp signal generated on C9 to the FB
pin of the SC174. R7 is the pull up resistor for the PGOOD
pin.
21
SC174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27