Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PACUSBVB-D3Y6R Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza PACUSBVB-D3Y6R
Descripción Electrónicos  USB Downstream Port Terminator with VBUS ESD Protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSBVB-D3Y6R Datasheet(HTML) 8 Page - ON Semiconductor

  PACUSBVB-D3Y6R Datasheet HTML 1Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 2Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 3Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 4Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 5Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 6Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 7Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 8Page - ON Semiconductor PACUSBVB-D3Y6R Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PACUSBVBD1/D2/D3
Rev. 2 | Page 8 of 9 | www.onsemi.com
Mechanical Details
SOT23-6 Mechanical Specifications:
Dimensions for the PACUSBVB-D1/D2/D3 supplied in a 6-pin SOT23 package are presented below.
For complete information on the SOT23-6, see the California Micro Devices SOT23 Package Information
document.
PACKAGE DIMENSIONS
Package
SOT23-6 (JEDEC name is MO-178)
Pins
6
Millimeters
Inches
Dimensions
Min
Max
Min
Max
A
--
1.45
--
0.057
A1
0.00
0.15
0.000
0.006
b
0.30
0.50
0.012
0.020
c
0.08
0.22
0.003
0.009
D
2.75
3.05
0.108
0.120
E
2.60
3.00
0.102
0.118
E1
1.45
1.75
0.057
0.069
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.30
0.60
0.012
0.024
L1
0.60 REF
0.024 REF
# per tape
and reel
3000 pieces*
Controlling dimension: millimeters
* This is an approximate amount which may vary.
TOP VIEW
A
SIDE VIEW
D
A1
L1
END VIEW
c
L
12
3
65
4
e1
e
E1 E
b
Package Dimensions for SOT23-6



Html Pages

1 2 3 4 5 6 7 8 9