| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PACUSB-U3 Datasheet(PDF) 1 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
PACUSB-U3 Datasheet(HTML) 1 Page - ON Semiconductor |
|
1 / 9 page ![]() Upstream USB Port Terminator PACUSB-U1/U2/U3 ©2010 SCILLC. All rights reserved. Publication Order Number: June 2010 – Rev. 2 PACUSB-U1/U2/U3/D Features • One upstream USB port terminator, EMI filter and transient overvoltage protector in a single surface-mount package • Compact SC70 or SOT23 package saves board space and lowers manufacturing costs compared to discrete solutions • ESD protection to ±30kV contact discharge per MIL-STD-883D, method 3015 • ESD protection to ±15kV contact discharge per IEC 61000-4-2 international standard • Lead-free version available Applications • ESD protection and termination of USB port • All USB peripherals (PC printers, scanners, zip drives, etc.) • PDAs / handheld PCs • Digital cameras • Wireless Handets • MP3 Players • Cable Modems Product Description The PACUSB-U1, PACUSB-U2, and PACUSB-U3 are single-channel USB upstream-port termination networks. The PACUSB-U1/U2/U3 integrate EMI/RFI filter components R1 and C1, as recommended by the USB specification. Because these are upstream USB devices, they are terminated with a single 1.5kW pull- up resistor to V 3.3 (R2). There are three options for the value of the series resistor R1: • For PACUSB-U1, R1=15 Ω • For PACUSB-U2, R1=33 Ω • For PACUSB-U3, R1=22 Ω This series resistance plus the USB driver output resistance must be close to the USB cable’s characteristic impedance of 45 Ω (90Ω balanced) to minimize transmission line reflections. In addition, these parts provide a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD). The input and output pins are designed and characterized to dissipate ESD strikes of ±15kV safely, a level well beyond the maximum requirements of the IEC 61000-4-2 international standard. Using the MIL-STD-883D (Method 3015) specification for Human Body Model (HBM) ESD, all pins are protected for contact discharges to greater than ±30kV. The PACUSB-U1/U2/U3 is housed in either a 6-pin SC70 or 6-pin SOT23 package and is available with optional lead-free finishing. |
Número de pieza similar - PACUSB-U3 |
|
Descripción similar - PACUSB-U3 |