| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS321IDBVR Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TS321IDBVR Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 11 page ![]() 1 FEATURES D(SOIC)PACKAGE (TOP VIEW) 1 2 3 6 7 8 4 5 OUT V CC+ IN– IN+ V CC– NC NC NC DBV(SOT-23-5)PACKAGE (TOP VIEW) 1 2 5 OUT V CC+ 3 4 IN+ IN– V CC– NC – Nointernalconnection DESCRIPTION/ORDERING INFORMATION TS321 www.ti.com...................................................................................................................................... SLOS489B – DECEMBER 2005 – REVISED SEPTEMBER 2008 LOW-POWER SINGLE OPERATIONAL AMPLIFIER • Wide Power-Supply Range – Single Supply…3 V to 30 V – Dual Supply…±1.5 V to ±15 V • Large Output Voltage Swing… 0 V to 3.5 V (Min) (VCC = 5 V) • Low Supply Current…500 µA (Typ) • Low Input Bias Current…20 nA (Typ) • Stable With High Capacitive Loads The TS321 is a bipolar operational amplifier for cost-sensitive applications in which space savings are important. ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING(2) Tube of 75 TS321ID SOIC – D SR321I Reel of 2500 TS321IDR –40°C to 125°C Reel of 3000 TS321IDBVR SOT-23-5 – DBV 9C1_ Reel of 250 TS321IDBVT (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. (2) DBV: The actual top-side marking has one additional character that designates the assembly/test site. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2005–2008, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - TS321IDBVR |
|
Descripción similar - TS321IDBVR |