| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ASB1200E Datasheet(PDF) 1 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
ASB1200E Datasheet(HTML) 1 Page - EPCOS |
|
1 / 8 page ![]() Pressure sensors Barometric pressure transducer for SMT Series/Type: ASB 1200 E Ordering code: Date: 2009-08-03 Version: 2 EPCOS AG 2009. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white". This ensures that the table disappears (invisible) for the customer PDF. Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it! Identification/Classification 1 (header 1 + top left bar): Pressure sensors Identification/Classification 2 (header 2 + bottom left header bar): Barometric pressure transducer for SMT Ordering code: (top right header bar) Series/Type: (top right header bar) ASB 1200 E Preliminary data (optional): (if necessary) Preliminary data Department: AS SEN PD Date: 2009-08-03 Version: 2 |
Número de pieza similar - ASB1200E |
|
Descripción similar - ASB1200E |