| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
JN1KS04MK1-R Datasheet(PDF) 9 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
JN1KS04MK1-R Datasheet(HTML) 9 Page - Japan Aviation Electronics Industry, Ltd. |
|
9 / 22 page ![]() MB-0054-8 9/22 JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd. Waterproof (when mated), crimp socket, kit type (with 10 contacts and two types of rubber bushing) 034679 JN1DS10SLK Waterproof (when mated), crimp pin cable dia. 5.7 to 7.3, kit type (with rubber bushing and 10 contacts) 107656 JN1HS10PLKS3 Waterproof (when mated), crimp pin cable dia. 5.7 to 7.3, kit type (with rubber bushing and 10 contacts) 107656 JN1HS10PLKS2 Waterproof (when mated), crimp pin cable dia. 5.7 to 7.3, outer diameter: 20 dia. max. 105842 JN1HS10PL4S Waterproof (when mated), crimp pin cable dia. 5.7 to 7.3, kit type (with rubber bushing and 10 contacts) 107656 JN1HS10PLKS1 JN1, 2 Receptacle (4, 10pos.) for waterproof, IP67 035565 J025-52209 Waterproof Cap Waterproof (when mated), crimp pin cable dia. 3.5 to 5.0, outer diameter: 20 dia. max. 105842 JN1HS10PL3S Waterproof (when mated), crimp pin cable dia. 3.5 to 5.0 037293 JN1HS10PL3 10 JN1 Waterproof (when mated), crimp pin cable dia. 6.5 to 8.0 037293 JN1HS10PL2 Waterproof (when mated), crimp pin cable dia. 5.7 to 7.3 037294 JN1KS10PL1 Wall Mount Receptacle Waterproof (when mated), crimp pin cable dia. 6.5 to 8.0 037294 JN1KS10PL2 Waterproof (when mated), crimp pin cable dia. 5.7 to 7.3 037293 JN1HS10PL1 Cable Connecting Receptacle No. of Con tacts Individual Plug Square Flange Receptacle Waterproof (when mated), crimp or solder socket (sold separately) cable dia. 5.7 to 7.3 034678 JN1FS10SL1 90 Degree Angle Plug Waterproof (when mated), crimp or solder socket (sold separately) cable dia. 6.5 to 8.0 034678 JN1FS10SL2 Waterproof (when mated), crimp socket, kit type (with 10 contacts and two types of rubber bushing) 034678 JN1FS10SLK Waterproof (when mated), crimp or solder socket (sold separately) cable dia. 5.7 to 7.3 034679 JN1DS10SL1 Straight Plug Non-waterproof, crimp socket, individual block 034677 JN1ES10SL1 Individually waterproofed, solder pin 105745 JN1AS10ML2-R Waterproof (when mated), solder pin 105743 JN1AS10ML1-R Waterproof (when mated), through-hole pin 034676 JN1AS10UL1 Rectangular Flange Receptacle 034679 034679 SJ Drawing Waterproof (when mated), crimp or solder socket (sold separately) cable dia. 3.5 to 5.0 JN1DS10SL3 Waterproof (when mated), crimp or solder socket (sold separately) cable dia. 6.5 to 8.0 JN1DS10SL2 Performance / Shape Part Number Type |